Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP92018 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP92018 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 12Page - Texas Instruments LMP92018 Datasheet HTML 13Page - Texas Instruments LMP92018 Datasheet HTML 14Page - Texas Instruments LMP92018 Datasheet HTML 15Page - Texas Instruments LMP92018 Datasheet HTML 16Page - Texas Instruments LMP92018 Datasheet HTML 17Page - Texas Instruments LMP92018 Datasheet HTML 18Page - Texas Instruments LMP92018 Datasheet HTML 19Page - Texas Instruments LMP92018 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LMP92018
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
www.ti.com
x
Don't Care
Each bit will be forced at the corresponding GPIO pin of the device. Bits corresponding to GPIO pins configured as inputs
CGPO
will be ignored. CGPO[11:0]=0x000
VENDOR ID
The 16–bit ID sequence is factory set, and can only be tested via the SPI transaction shown in the table below.
FRAME 1: DIN
FRAME 2: DOUT
Command
Payload
Command
Payload
Bit
→
23
22:16
15:0
23
22:16
15:0
READ
1
1000000
x
1
1000000
ID
x
Don't Care
ID
Vendor ID number. ID = 0x0028.
VERSION/STEPPING
Version and Stepping words are factory set and can only be tested via the SPI transaction shown in the table
below.
FRAME 1: DIN
FRAME 2: DOUT
Command
Payload
Command
Payload
Bit
→
23
22:16
15:4
3:0
23
22:16
15:4
3:0
READ
1
1000001
x
x
1
1000001
VER
STEP
x
Don't Care
VER
Indicates the device version number. VER=0x000
STEP
Indicates stepping number. STEP = 0x0
DAC DATA REGISTER ACCESS
Each DAC's input data register, DDATA, is individually addressable, and its contents can be updated without
affecting remaining 3 DACs. The content of each DDATA can be tested and set via the SPI transactions shown
in the following table. The DAC block is described in PROGRAMMABLE ANALOG OUTPUT SUBSYSTEM.
FRAME 1: DIN
FRAME 2: DOUT
Command
Payload
Command
Payload
Bit
→
23
22:18
17:16
15:12
11:2
1:0
23
22:18
17:16
15:12
11:2
1:0
READ
1
10100
ADR
x
x
x
1
10100
ADR
0000
DDATA
00
WRITE
0
10100
ADR
0000
DDATA
00
0
10100
ADR
0000
10'b0
00
x
Don't Care
DAC address:
00: DAC0
ADR
01: DAC1
10: DAC2
11: DAC3
DDATA
DAC input data. DDATA is a 10–bit unsigned integer. DDATA=0x000
16
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com