Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP92018 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP92018 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 5Page - Texas Instruments LMP92018 Datasheet HTML 6Page - Texas Instruments LMP92018 Datasheet HTML 7Page - Texas Instruments LMP92018 Datasheet HTML 8Page - Texas Instruments LMP92018 Datasheet HTML 9Page - Texas Instruments LMP92018 Datasheet HTML 10Page - Texas Instruments LMP92018 Datasheet HTML 11Page - Texas Instruments LMP92018 Datasheet HTML 12Page - Texas Instruments LMP92018 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
D23
D0
SCLK
DIN
t3
t1
1
PD23
PD0
DOUT
t8
PD0
CSB
2
t2
D1
PD1
24
23
PD22
D22
70%
30%
t11
70%
70%
70%
70%
tr
tf
LMP92018
www.ti.com
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD=4.75V to 5.25V, REF=VDD, TA=25°C. Boldface limits are over
the temperature range of
−30°C ≤ TA ≤ 85°C unless otherwise noted. DAC input code range 12 to 1012. DAC output
CL = 200 pF unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tCONV
Temperature Conversion Time
25.85
ms
SPI TIMING CHARACTERISTICS
SPI Clock Period during ADC
t1
178
12500
ns
data access
SPI Clock Period during
t1
178
5000
ns
Temperature Sensor access
SPI Clock Period for all
t1
transactions not involving ADC or
100
ns
Temperature Sensor
tr
SCLK Rise Time
2
ns
tf
SCLK Fall Time
2
ns
t2
SCLK HIGH Time
8
ns
t3
SCLK LOW Time
8
ns
CSB set-up time to SCLK falling
t4
5
ns
edge
t5
DIN Set-up time
5
ns
t6
DIN Hold time
4
ns
CSB hold time after 24th falling
t7
10
ns
edge of SCLK
t8
CSB High Pulse Width
30
ns
CL=30pF, VIO=1.8
10
DOUT hold time after SCLK
tDH
ns
Rising Edge
CL=30pF, 3V≤VIO≤5.25V
5
DOUT Delay after SCLK Rising
tDD
CL=30pF
40
ns
Edge
SCLK Delay after CSB Rising
t11
3
ns
Edge
CSB Rising Edge to DOUT TRI-
tDOZ
4
10
ns
STATE
tZDO
CSB Falling Edge to DOUT active
sink/source 200uA, CL=150pF
5
14
ns
SPI Interface Timing Diagram
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com