Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP92018 Datasheet(PDF) 21 Page - Texas Instruments

Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP92018 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 17Page - Texas Instruments LMP92018 Datasheet HTML 18Page - Texas Instruments LMP92018 Datasheet HTML 19Page - Texas Instruments LMP92018 Datasheet HTML 20Page - Texas Instruments LMP92018 Datasheet HTML 21Page - Texas Instruments LMP92018 Datasheet HTML 22Page - Texas Instruments LMP92018 Datasheet HTML 23Page - Texas Instruments LMP92018 Datasheet HTML 24Page - Texas Instruments LMP92018 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
100k
100k
+
-
OUTx = 2 x DREF
(
)
DDATAx
1024
600
+
-
OUTx = DREF
(
)
DDATAx
1024
LMP92018
www.ti.com
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
The ideal DAC core transfer function from DATAx to OUTx , x=0...3, can be expressed as:
(3)
The above expression is subject to non-idealities of the resistor string and limitations of the output buffer. These
limitations are tabulated in Electrical Characteristics
In Figure 17, the PD (Power Down) signal is asserted when the given channel is disabled via the SPI command.
The PD causes the DAC buffer bias currents to shut down, and it breaks the current path through the resistive
string.
DAC Reference Selection
All DAC channels operate from the same, user selectable, reference source. In Figure 17, DREF input can be
supplied by the external source, applied to the REF pin of the device, or from the internal reference generator
block. The reference block functionality is described in INTERNAL VOLTAGE REFERENCE SOURCE.
Reference selection automatically forces configuration of the DACs' output buffers. If the external reference
source, which is DREF driven by the REF device pin, is selected then all of the DAC output buffers are in 1x
configuration, as seen inFigure 18. In the external reference mode, each active DAC presents a resistive load to
the source attached to the device's REF pin, see Figure 17 and Figure 21.
The overall DAC transfers function remains as shown in DAC Core
Figure 18. DAC Buffer when DREF Externally Supplied
If the internal reference generator is selected to drive the DAC's DREF input, then all of the DACs' buffers are
automatically forced into 2x gain configuration as shown in Figure 19. This results in an overall transfer function
of the DACs to change to:
(4)
Figure 19. DAC Buffer when DREF Internally Supplied
DIGITAL TEMPERATURE SENSOR
The local temperature sensor (TS) operates in one of the 2 possible modes: Continuous or One-Shot. The user
selects the mode of operation via the SPI instruction, see TEMPERATURE SENSOR CONFIGURE. The output
of the temperature sensor is a 12 bit signed integer, where each LSB represents 0.0625°C. Temperature
sensor's output code (TDATA) examples are shown in Table 1.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com