Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP92018 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP92018 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 9Page - Texas Instruments LMP92018 Datasheet HTML 10Page - Texas Instruments LMP92018 Datasheet HTML 11Page - Texas Instruments LMP92018 Datasheet HTML 12Page - Texas Instruments LMP92018 Datasheet HTML 13Page - Texas Instruments LMP92018 Datasheet HTML 14Page - Texas Instruments LMP92018 Datasheet HTML 15Page - Texas Instruments LMP92018 Datasheet HTML 16Page - Texas Instruments LMP92018 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LMP92018
www.ti.com
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
INSTRUCTION SET
The following is a complete listing of the instruction set supported by the LMP92018. Where applicable the
default state or register content is indicated in bold type.
The digital interface (SPI) protocol is described in SERIAL INTERFACE. The interface timing diagram is in SPI
Interface Timing Diagram
NOTE: the tables in following sections detail the data transfers of 2 subsequent SPI frames . The FRAME
1 column shows the user input into pin DIN of the device. The FRAME 2 column in the device output at
DOUT.
TEMPERATURE SENSOR CONFIGURE
A single bit, TSS, controls the mode of operation of the internal temperature sensor. The bit can be set and
tested via the SPI transactions shown in the following table. The internal temperature sensor is described in
DIGITAL TEMPERATURE SENSOR.
FRAME 1: DIN
FRAME 2: DOUT
Command
Payload
Command
Payload
Bit
→
23
22:16
15:1
0
23
22:16
15:1
0
READ
1
0010000
x
x
1
0010000
000000000000000
TSS
WRITE
0
0010000
000000000000000
TSS
0
0010000
000000000000000
0
x
Don't Care
1: Temperature Sensor in Continuous Conversion Mode
TSS
0: Temperature Sensor In One Shot Mode
REFERENCE CONFIGURE
The internal reference mode of operation is controlled by a 3 bit sequence, CREF. The sequence can be set and
tested via the SPI transactions shown in the following table. The reference block is described in INTERNAL
VOLTAGE REFERENCE SOURCE.
FRAME 1: DIN
FRAME 2: DOUT
Command
Payload
Command
Payload
Bit
→
23
22:16
15:3
2:0
23
22:16
15:3
2:0
READ
1
0010001
x
x
1
0010001
0000000000000
CREF
WRITE
0
0010001
0000000000000
CREF
0
0010001
0000000000000
000
x
Don't care
Reference Mode Selector
000: AREF external, DREF internal
001: AREF and DREF internal; REF pin is internally disconnected
010: AREF and DREF external
CREF
011: AREF internal, DREF external
100: Deep Sleep
101: AREF and DREF internal; REF driven by internal reference
110: Deep Sleep
111: Deep Sleep
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com