Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP92018 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP92018 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP92018 Datasheet HTML 2Page - Texas Instruments LMP92018 Datasheet HTML 3Page - Texas Instruments LMP92018 Datasheet HTML 4Page - Texas Instruments LMP92018 Datasheet HTML 5Page - Texas Instruments LMP92018 Datasheet HTML 6Page - Texas Instruments LMP92018 Datasheet HTML 7Page - Texas Instruments LMP92018 Datasheet HTML 8Page - Texas Instruments LMP92018 Datasheet HTML 9Page - Texas Instruments LMP92018 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LMP92018
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
www.ti.com
Operating Conditions
(1) (2)
Operating Ambient Temperature
−40°C to 125°C
VDD Voltage Range
4.75V to 5.25V
VIO Voltage Range
1.8V to VDD
VGPIO Voltage Range
1.8V to VDD
DAC Output Load C
0nF to 1nF
θJA
25.2°C/W
θJC
2.4°C/W
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions.
(2)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
Electrical Characteristics
Unless otherwise noted, these specifications apply for VDD=4.75V to 5.25V, REF=VDD, TA=25°C. Boldface limits are over
the temperature range of
−30°C ≤ TA ≤ 85°C unless otherwise noted. DAC input code range 12 to 1012. DAC output
CL = 200 pF unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ADC CHARACTERISTICS
Resolution with No Missing
10
10
Bits
Codes
DNL
Differential Non-Linearity
−0.9
+1
INL
Integral Non-Linearity
−1
1
LSB
OE
Offset Error
−2
+2
OEDRIFT
Offset Error Temperature Drift
0.001
LSB/°C
OEMTCH
Offset Error Match(1)
−1
1
LSB
GE
Gain Error
−2
2
GEDRIFT
Gain Error Temperature Drift
0.001
LSB/°C
GEMTCH
Gain Error Match(1)
−1
1
LSB
SINAD
Signal-to-Noise Ratio
10 kHz Sine Wave
58
dB
THD
Total Harmonic Distortion
10 kHz Sine Wave, up to 5th harmonic
−69
SFDR
Spurious Free Dynamic Range
10 kHz Sine Wave
70
dBc
Offset Error change with VDD
−150
PSRR
Power Supply Rejection Ratio
dB
Gain Error change with VDD
−150
DAC CHARACTERISTICS
Resolution
10
10
Bits
Monotonicity
10
Bits
DNL
Differential Non-Linearity
RL = 100k
−0.5
+0.5
LSB
INL
Integral Non-Linearity
RL = 100k
−2
+2
OE
Offset Error(2)
RL = 100k
10
mV
OEDRIFT
Offset Error Temperature Drift
RL = 100k
1
µV/°C
VDD = 5.25V, REF=5, RL = 100k,
FSE
Full-Scale Error
-0.4
+0.3
CODE=3FFh
%FS
GE
Gain Error(3)
RL = 100k
−0.2
+0.2
GEDRIFT
Gain Error Temperature Drift
RL = 100k
1.4
ppm/° C
IOUT = 200 µA
7
ZCO
Zero Code Output
mV
IOUT = 1mA
31
(1)
Device Specification is guaranteed by characterization and is not tested in production.
(2)
DAC Offset is the y-intercept of the straight line defined by DAC output at code 0d12 and 0d1011points of the measured transfer
characteristic.
(3)
DAC Gain Error is the difference in slope of the straight line defined by DAC output at code 0d12 and 0d1011 points of transfer
characteristic, and that of the ideal characteristic.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com