Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP5520
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 13Page - Texas Instruments LP5520 Datasheet HTML 14Page - Texas Instruments LP5520 Datasheet HTML 15Page - Texas Instruments LP5520 Datasheet HTML 16Page - Texas Instruments LP5520 Datasheet HTML 17Page - Texas Instruments LP5520 Datasheet HTML 18Page - Texas Instruments LP5520 Datasheet HTML 19Page - Texas Instruments LP5520 Datasheet HTML 20Page - Texas Instruments LP5520 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
+
-
+
-
+
-
+
-
FB
SW
R
S
R
R
R
Duty control
1 MHz clock
OVPCOMP
ERRORAMP
SLOPER
OLPCOMP
RESETCOMP
LOOPC
+
-
ACTIVE
LOAD
SWITCH
+
-
UVCOMP
2V
+
-
R
IMAX
OCPCOMP
R
VIN
VOUT
17
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Figure 20 shows the boost topology with the protection circuitry. Four different protection schemes are
implemented:
1. Overvoltage protection: limits the maximum output voltage and:
–
Keeps the output below breakdown voltage.
–
Prevents boost operation if battery voltage is much higher than desired output.
2. Overcurrent protection: limits the maximum inductor current and:
–
Voltage over switching NMOS is monitored; voltages too high turn off the switch.
3. Feedback break protection: prevents uncontrolled operation if FB pin is disconnected.
4. Duty cycle limiting done with digital control.
Figure 20. Boost Converter Topology
7.3.3.1 Boost Control
User can set the boost converter to standby mode by writing the register bit <en_boost> low. When <en_boost>
is written high, the converter starts for 50 ms in low current PWM mode and then goes to normal PWM mode.
User can control the boost output voltage by boost output boost_output (05H) register.
Table 7. Boost Output Voltage Control
BOOST OUTPUT [7:0]
REGISTER 0DH
BOOST OUTPUT
VOLTAGE (TYPICAL)
Bin
Dec
00101
5
5 V
00110
6
6 V
00111
7
7 V
...
...
...
01100
12
12 V
01101
13
13 V
01110
14
14 V
...
...
...
10010
18
18 V
10011
19
19 V
10100
20
20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com