Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP5520
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 9Page - Texas Instruments LP5520 Datasheet HTML 10Page - Texas Instruments LP5520 Datasheet HTML 11Page - Texas Instruments LP5520 Datasheet HTML 12Page - Texas Instruments LP5520 Datasheet HTML 13Page - Texas Instruments LP5520 Datasheet HTML 14Page - Texas Instruments LP5520 Datasheet HTML 15Page - Texas Instruments LP5520 Datasheet HTML 16Page - Texas Instruments LP5520 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
SELF
HEATING
COMPENS.
EEPROM
+
LOGIC
ADC
+
LOGIC
BRIGHTNESS
0.8 ± 100%
8 STEP LOG
CORRECTION R
0 ± 200%
(AGEING COMP)
CURRENT R
0 ± 60mA
TEMP
SENSOR
PWM
GEN
R
G
B
S1_IN
PWM_R
12
12
12
12
12
5 MHz
8
8
ROUT
13
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Feature Description (continued)
(1)
PWM Brightness register control
Table 1. PWM Value Multipliers
CONTROL BYTE <bri[2:0]>(1)
MULTIPLIER
INTENSITY ( %)
0
0.008
0.8
1
0.016
1.6
2
0.031
3.1
3
0.063
6.3
4
0.125
12.5
5
0.250
25
6
0.500
50
7
1.000
100
The brightness correction can be used for aging compensation or other fine-tuning. There is an 8-bit correction
register for each output. The PWM value obtained from the memory is multiplied by the correction value. The
default correction value is 1. Correction range is from 0 to 2 and the LSB is 0.78% (1/128).
Shown complete only for red channel
Figure 16. LED Control Principle
7.3.2.3 LED PWM Control
The PWM frequency can be selected of two alternatives, slow and fast, with the control bit <pwm_fast>. The
slow frequency is 1.2 kHz. In the fast mode the PWM frequency is multiplied by 16, and the frequency is 19.2
kHz. Fast mode is the default mode after reset. The single pulse in normal PWM is split in 16 narrow pulses in
fast PWM. Higher frequency helps eliminate possible noise from the ceramic capacitors and it also reduces the
ripple in the boost voltage. Minimum pulse length is 200 ns in both modes.
The PWM pulses of each output do not start simultaneously in order to avoid high current spike. Red starts in the
beginning of the PWM cycle, Green is symmetric with the cycle center and Blue ends in the end of the cycle. For
PWM values less than 33% for each output, the output currents are completely non-overlapping. With higher
PWM values the overlapping increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com