Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520 Datasheet(PDF) 30 Page - Texas Instruments

Part # LP5520
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 26Page - Texas Instruments LP5520 Datasheet HTML 27Page - Texas Instruments LP5520 Datasheet HTML 28Page - Texas Instruments LP5520 Datasheet HTML 29Page - Texas Instruments LP5520 Datasheet HTML 30Page - Texas Instruments LP5520 Datasheet HTML 31Page - Texas Instruments LP5520 Datasheet HTML 32Page - Texas Instruments LP5520 Datasheet HTML 33Page - Texas Instruments LP5520 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
30
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
current_control_B (03H) – Blue LED Current Control Register
7
6
5
4
3
2
1
0
cc_b[7]
cc_b[6]
cc_b[5]
cc_b[4]
cc_b[3]
cc_b[2]
cc_b[1]
cc_b[0]
rw-0
rw-1
rw-0
rw-1
rw-0
rw-1
rw-0
rw-1
pwm_brightness (04H) – Brightness Control Register
7
6
5
4
3
2
1
0
brc_off
bri[2]
bri[1]
bri[0]
r-0
r-0
r-0
rw-0
r-0
rw-0
rw-0
rw-0
brc_off
bri[2:0]
Bit 4
Bits 2-0
brc_off = 0 - stand-alone mode,
brightness is defined with external BRC signal
brc_off = 1 - brightness is defined with bri[2:0]
Control
Multiplier
Intensity %
0
0.008
0.8
1
0.016
1.6
10
0.031
3.1
11
0.063
6.3
100
0.125
12.5
101
0.250
25
110
0.500
50
111
1.000
100
boost_output (05H) – Boost Output Voltage Control Register
7
6
5
4
3
2
1
0
vprog[4]
vprog[3]
vprog[2]
vprog[1]
vprog[0]
r-0
r-0
r-0
r-0
rw-0
rw-0
rw-0
rw-0
vprog[4:0]
Bits 4 - 0
Adjustment
vprog[4:0]
Typical boost output voltage (V)
00101
5.0
00110
6.0
00111
7.0
01000
8.0
01001
9.0
01010
10.0
01011
11.0
01100
12.0
01101
13.0
01110
14.0
01111
15.0
10000
16.0
10001
17.0
10010
18.0
10011
19.0
10100
20.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com