Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP5520
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 17Page - Texas Instruments LP5520 Datasheet HTML 18Page - Texas Instruments LP5520 Datasheet HTML 19Page - Texas Instruments LP5520 Datasheet HTML 20Page - Texas Instruments LP5520 Datasheet HTML 21Page - Texas Instruments LP5520 Datasheet HTML 22Page - Texas Instruments LP5520 Datasheet HTML 23Page - Texas Instruments LP5520 Datasheet HTML 24Page - Texas Instruments LP5520 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
RESET
STANDBY
INTERNAL
STARTUP SEQUENCE
~20 ms DELAY
BOOST STARTUP
NORMAL MODE
NRST = L
or
POR = H
1) TSD = L
NRST = H
and
NSTBY = H or BRC = H
EN_BOOST = H
1
NSTBY = L and NRST = H
EEPROM AND EEPROM
READING (~1 ms)
VREF = 95% OK
1
~10 ms DELAY
NSTBY = L or BRC = L
and
NRST = H
TSD = H
EN_BOOST
RISING EDGE
1
EN_BOOST = L
1
21
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.4.4 Start-Up Sequence
RESET:
In the RESET mode all the internal registers are reset to the default values, and the chip goes to
STANDBY mode after reset. <NSTBY> control bit is low after reset by default. Reset is entered
always if NRST input is low or internal power on reset (POR) is active. POR activates during the
chip start-up or when the supply voltage VDD falls below 1.5 V. Once VDD rises above 1.5 V, POR
inactivates, and the device continues to the STANDBY mode.
STANDBY: The STANDBY mode is entered if the register bit <NSTBY> is LOW. This is the low-power
consumption mode, when all circuit functions are disabled. Registers can be written in this mode,
and the control bits are effective immediately after power up.
STARTUP:
When <NSTBY> bit is written high or there is a rising edge in the BRC input, the INTERNAL
STARTUP SEQUENCE powers up all the needed internal blocks (Vref, Bias, Oscillator, etc.). To
ensure the correct initialization, a 10-ms delay is generated by the internal state-machine after the
trim EEPROM values are read. If the chip temperature rises too high, the thermal shutdown (TSD)
disables the chip operation, and STARTUP mode is entered until no TSD event is present.
BOOST STARTUP: Soft start for boost output is generated in the BOOST STARTUP mode. The boost output is
raised in PWM mode during the 20-ms delay generated by the state machine. All LED outputs are
off during the 20-ms delay to ensure smooth start-up. The boost start-up is entered from internal
start-up sequence if <EN_BOOST> is HIGH or from Normal mode when <EN_BOOST> is written
HIGH.
NORMAL:
During NORMAL mode the user controls the chip using the control registers or the BRC input in
stand-alone mode. The registers can be written in any sequence and any number of bits can be
altered in a register in one write.
Figure 23. Device Functional Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com