Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD75160AP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD75160AP
Description  Octal General Purpose Interface Bus Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD75160AP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD75160AP Datasheet HTML 1Page - Renesas Technology Corp HD75160AP Datasheet HTML 2Page - Renesas Technology Corp HD75160AP Datasheet HTML 3Page - Renesas Technology Corp HD75160AP Datasheet HTML 4Page - Renesas Technology Corp HD75160AP Datasheet HTML 5Page - Renesas Technology Corp HD75160AP Datasheet HTML 6Page - Renesas Technology Corp HD75160AP Datasheet HTML 7Page - Renesas Technology Corp HD75160AP Datasheet HTML 8Page - Renesas Technology Corp HD75160AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HD75160A
Rev.2.00, Jul.16.2004, page 4 of 12
DC Electrical Characteristics
(Ta = 0 to 70°C)
Item
Symbol
V
CC
Min
Max
Unit
Conditions
Input Voltage
V
IH
2
——V
V
IL
——0.8
Input Clamp Voltage
V
IK
—
—
–1.5
V
II = –18 mA
Hysteresis
Bus
V
T
+ – V
T
–
0.4
——V
IOutput Voltage
Terminal V
OH
2.7
——V
I
OH = –800 µA, TE at 0.8 V
Bus
2.5
—
—
I
OH = –5.2 mA, PE and TE at 2 V
Terminal V
OL
——0.5
V
I
OL = 16 mA, TE at 0.8 V
Bus
——0.5
I
OL = 48 mA, TE at 2 V
Input Current
Terminal I
I
—
—
100
µA
V
I = 5.5 V
I
IH
——20
V
I = 2.7 V
I
IL
—
—
–100
V
I = 0.5 V
Voltage At Bus Port
V
I/O (bus)
2.5
—
3.7
V
Driver
I
I(bus) = 0
—
—
–1.5
Disabled
I
I(bus) = –12 mA
Current Into Bus V
CC ON
I
I/O (bus)
–1.3
—
—
mA
Driver
V
I(bus) = –1.5 V to 0.4 V
Port
0
—
–3.2
Disabled
V
I(bus) = 0.4 V to 2.5 V
——+2.5
–3.2
V
I(bus) = 2.5 V to 3.7 V
0—
2.5
V
I(bus) = 3.7 V to 5 V
0.7
—
2.5
V
I(bus) = 5 V to 5.5 V
——40
µA
V
CC = 0, VI(bus) = 0 V to 2.5 V
Short circuit
Terminal I
OS
–15
—
–75
mA
Output Current
Bus
–25
—
–125
Supply Voltage
I
CC
—
60
80
mA
No Load, Receivers Low and Enabled
—
75
100
No Load, Drivers Low and Enabled
Busport Capacitance
C
I/O (bus)
—30
—
pF
V
CC = 5 V or 0 V, VI/O = 0 to 2 V,
f = 1 MHz
Note:
1. V
CC = 5 V, Ta = 25°C
Switching Characteristics
(V
CC = 5 V, Ta = 25°C)
Item
Symbol
Input
Output
Min Typ Max Unit
Test
Circuit
Conditions
Propagation Delay
t
PLH
Terminal BUS
—
14
20
ns
1
C
L = 30 pF
Time
t
PHL
—14
20
R
L = 38.3 Ω to 2.3 V
t
PLH
BUS
Terminal —
12
20
2
C
L = 30 pF
t
PHL
—16
22
R
L = 240 Ω to 5 V
Output Enable Time t
ZH
TE
BUS
—
25
35
3
C
L = 15 pF
Output Disable Time t
HZ
—13
22
R
L = 480 Ω to 0 V
Output Enable Time t
ZL
—22
35
C
L = 15 pF
Output Disable Time t
LZ
—22
32
R
L = 38.3 Ω to 2.3 V
Output Enable Time t
ZH
TE
Terminal —
20
30
4
C
L = 15 pF
Output Disable Time t
HZ
—12
20
R
L = 3 kΩ to 0 V
Output Enable Time t
ZL
—23
32
C
L = 15 pF
Output Disable Time t
LZ
—19
30
R
L = 280 Ω to 5 V
Output Pull up
Enable Time
ten
PE
BUS
—
15
22
5
C
L = 15pF
R
L = 480 Ω to 0 V
Output Pull up
Disable Time
tdis
—
13
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com