Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD75160AP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HD75160AP
Description  Octal General Purpose Interface Bus Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD75160AP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HD75160AP Datasheet HTML 5Page - Renesas Technology Corp HD75160AP Datasheet HTML 6Page - Renesas Technology Corp HD75160AP Datasheet HTML 7Page - Renesas Technology Corp HD75160AP Datasheet HTML 8Page - Renesas Technology Corp HD75160AP Datasheet HTML 9Page - Renesas Technology Corp HD75160AP Datasheet HTML 10Page - Renesas Technology Corp HD75160AP Datasheet HTML 11Page - Renesas Technology Corp HD75160AP Datasheet HTML 12Page - Renesas Technology Corp HD75160AP Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
HD75160A
Rev.2.00, Jul.16.2004, page 12 of 12
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
DP-20N
—
Conforms
1.26 g
7.62
0.25
+ 0.11
– 0.05
2.54 ± 0.25
0.48 ± 0.10
24.50
25.40 Max
0.89
1.30
1
10
11
20
0˚ – 15˚
1.27 Max
As of January, 2003
Unit: mm
Package Code
JEDEC
JEITA
Mass (reference value)
DP-20NEV
—
Conforms
1.26 g
7.62
*0.25 ± 0.06
2.54 ± 0.25
*0.48 ± 0.08
*NI/Pd/AU Plating
24.50
25.40 Max
0.89
1.30
1
10
11
20
0˚ – 15˚
1.27 Max
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com