Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD75160AP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD75160AP
Description  Octal General Purpose Interface Bus Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD75160AP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD75160AP Datasheet HTML 1Page - Renesas Technology Corp HD75160AP Datasheet HTML 2Page - Renesas Technology Corp HD75160AP Datasheet HTML 3Page - Renesas Technology Corp HD75160AP Datasheet HTML 4Page - Renesas Technology Corp HD75160AP Datasheet HTML 5Page - Renesas Technology Corp HD75160AP Datasheet HTML 6Page - Renesas Technology Corp HD75160AP Datasheet HTML 7Page - Renesas Technology Corp HD75160AP Datasheet HTML 8Page - Renesas Technology Corp HD75160AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HD75160A
Rev.2.00, Jul.16.2004, page 2 of 12
Function Table
Drivers
Receivers
Input
Input
D
TE
PE
Output B
B
TE
PE
Output D
H
HHH
L
L
X
L
L
H
XL
H
L
XH
HX
L
Z*1
XH
XZ
XL
X
Z*1
H :
High level
L :
Low level
X :
Irrelevant
Z :
High impedance
Note:
1. This is the high impedance state of a normal three state output modified by the internal resistors to V
CC and
ground.
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply Voltage
V
CC
7V
Input Voltage
V
IN
5.5
V
Output Current
I
OL
100
mA
Power Dissipation (Ta = 25°C)
P
T
1150
mW
Operating temperature range
Topr
0 to 70
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Note:
1. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two
of which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
4.75
5.00
5.25
V
Output Current
Bus Ports With Pull Ups Active
I
OH
—
—
–5.2
mA
Terminal Ports
—
—
–800
µA
Output Current
Bus Ports
I
OL
——
48
mA
Terminal Ports
—
—
16
Operating Temperature
Topr
0
—
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com