Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD75160AP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD75160AP
Description  Octal General Purpose Interface Bus Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD75160AP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD75160AP Datasheet HTML 5Page - Renesas Technology Corp HD75160AP Datasheet HTML 6Page - Renesas Technology Corp HD75160AP Datasheet HTML 7Page - Renesas Technology Corp HD75160AP Datasheet HTML 8Page - Renesas Technology Corp HD75160AP Datasheet HTML 9Page - Renesas Technology Corp HD75160AP Datasheet HTML 10Page - Renesas Technology Corp HD75160AP Datasheet HTML 11Page - Renesas Technology Corp HD75160AP Datasheet HTML 12Page - Renesas Technology Corp HD75160AP Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HD75160A
Rev.2.00, Jul.16.2004, page 10 of 12
Characteristics Of Driver And Receiver
5
0
–10
V
= 5.25 V
CC
T = 25
a
°C
4
3
2
1
0
–20
–30
–40
–50
5.00 V
4.75 V
5
0
–20
V
= 5.25 V
CC
T = 25
a
°C
4
3
2
1
0
–40
–60
–80 –100
5.00 V
4.75 V
0.5
0
10
V
= 5.25 V
CC
T = 25
a
°C
0.4
0.3
0.2
0.1
0
20
30
40
50
V
= 5.00 V
CC
V
= 4.75 V
CC
0.5
0
V
= 5.25 V
CC
T = 25
a
°C
0.4
0.3
0.2
0.1
0
12
18
24
30
V
= 5.00 V
CC
V
= 4.75 V
CC
High Level Output Current IOH (mA)
Low Level Output Current IOL (mA)
High Level Output Current IOH (mA)
Low Level Output Current IOL (mA)
(a) Driver Output
(b) Driver Output
(c) Receiver Output
(d) Receiver Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com