Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD75160AP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD75160AP
Description  Octal General Purpose Interface Bus Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD75160AP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD75160AP Datasheet HTML 1Page - Renesas Technology Corp HD75160AP Datasheet HTML 2Page - Renesas Technology Corp HD75160AP Datasheet HTML 3Page - Renesas Technology Corp HD75160AP Datasheet HTML 4Page - Renesas Technology Corp HD75160AP Datasheet HTML 5Page - Renesas Technology Corp HD75160AP Datasheet HTML 6Page - Renesas Technology Corp HD75160AP Datasheet HTML 7Page - Renesas Technology Corp HD75160AP Datasheet HTML 8Page - Renesas Technology Corp HD75160AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev.2.00, Jul.16.2004, page 1 of 12
HD75160A
Octal General Purpose Interface Bus Transceivers
REJ03D0308–0200Z
(Previous ADE-205-590 (Z))
Rev.2.00
Jul.16.2004
Description
The HD75160A is an 8 channel general purpose interface bus transceiver designed to meet the requirements of IEEE
standard 488-1978. The transceiver features driver outputs which can handle loads up to 48 mA of sink current if talk
Enable(TE) is high, the ports have the characteristics of open collector outputs when pull up enable(PE) is low, and of
three state outputs when PE is high. Taking TE low places the ports in the high impedance state. The device exhibits a
high impedance to the bus when V
CC = 0 V since the bus terminating resistors are built in when combined with the
HD75161A mangement bus transceivers, the pair provides the complete 16 wire interface for the IEEE-488 bus.
Features
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD75160AP
DILP-20 pin
DP-20N, -20NEV P
—
Pin Arrangement
(Top view)
1
2
3
4
5
6
7
TE
B1
B2
B4
B5
B6
17
18
19
16
20 VCC
D1
D2
D3
D5
D6
B3
D4
8
B7
9
B8
GND 10
D7
D8
PE
15
14
13
12
11


Similar Part No. - HD75160AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
Octal General Purpose Interface Bus Transceivers
logo
Renesas Technology Corp
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
Octal General Purpose Interface Bus Transceivers
HD75161AP RENESAS-HD75161AP Datasheet
245Kb / 12P
Octal General Purpose Interface Bus Transceivers
More results

Similar Description - HD75160AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75161B TI-SN75161B Datasheet
227Kb / 14P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75161BDWR TI-SN75161BDWR Datasheet
980Kb / 22P
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com