Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 4 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 4 Page - AVX Corporation

  TPS Datasheet HTML 1Page - AVX Corporation TPS Datasheet HTML 2Page - AVX Corporation TPS Datasheet HTML 3Page - AVX Corporation TPS Datasheet HTML 4Page - AVX Corporation TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
78
112516
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSA685*006#1800
A
6.8
6.3
85
4
125
0.5
6
1800
1
0.204
0.184
0.082
TPSA106*006#1500
A
10
6.3
85
4
125
0.6
6
1500
1
0.224
0.201
0.089
TPSB106*006#1500
B
10
6.3
85
4
125
0.6
6
1500
1
0.238
0.214
0.095
TPSR106*006#1000
R
10
6.3
85
4
125
0.6
8
1000
1
0.235
0.211
0.094
TPSR106*006#1500
R
10
6.3
85
4
125
0.6
8
1500
1
0.191
0.172
0.077
TPSR106*006#3000
R
10
6.3
85
4
125
0.6
8
3000
1
0.135
0.122
0.054
TPST106*006#1000
T
10
6.3
85
4
125
0.6
6
1000
1
0.283
0.255
0.113
TPSA156*006#0700
A
15
6.3
85
4
125
0.9
6
700
1
0.327
0.295
0.131
TPSA156*006#1500
A
15
6.3
85
4
125
0.9
6
1500
1
0.224
0.201
0.089
TPSA226*006#0500
A
22
6.3
85
4
125
1.4
6
500
1
0.387
0.349
0.155
TPSA226*006#0900
A
22
6.3
85
4
125
1.4
6
900
1
0.289
0.260
0.115
TPSB226*006#0375
B
22
6.3
85
4
125
1.4
6
375
1
0.476
0.428
0.190
TPSB226*006#0600
B
22
6.3
85
4
125
1.4
6
600
1
0.376
0.339
0.151
TPSC226*006#0500
C
22
6.3
85
4
125
1.4
6
500
1
0.469
0.422
0.188
TPSS226*006#0900
S
22
6.3
85
4
125
1.3
10
900
1
0.269
0.242
0.107
TPSA336*006#0600
A
33
6.3
85
4
125
2.1
8
600
1
0.354
0.318
0.141
TPSB336*006#0250
B
33
6.3
85
4
125
2.1
6
250
1
0.583
0.525
0.233
TPSB336*006#0350
B
33
6.3
85
4
125
2.1
6
350
1
0.493
0.444
0.197
TPSB336*006#0450
B
33
6.3
85
4
125
2.1
6
450
1
0.435
0.391
0.174
TPSB336*006#0600
B
33
6.3
85
4
125
2.1
6
600
1
0.376
0.339
0.151
TPST336*006#0800
T
33
6.3
85
4
125
2.1
10
800
1
0.316
0.285
0.126
TPSA476*006#0800
A
47
6.3
85
4
125
2.8
10
800
1
0.306
0.276
0.122
TPSB476*006#0250
B
47
6.3
85
4
125
3
6
250
1
0.583
0.525
0.233
TPSB476*006#0350
B
47
6.3
85
4
125
3
6
350
1
0.493
0.444
0.197
TPSB476*006#0500
B
47
6.3
85
4
125
3
6
500
1
0.412
0.371
0.165
TPSC476*006#0300
C
47
6.3
85
4
125
3
6
300
1
0.606
0.545
0.242
TPST476*006#1200
T
47
6.3
85
4
125
2.8
10
1200
1
0.258
0.232
0.103
TPSB686*006#0250
B
68
6.3
85
4
125
4
8
250
1
0.583
0.525
0.233
TPSB686*006#0350
B
68
6.3
85
4
125
4
8
350
1
0.493
0.444
0.197
TPSB686*006#0500
B
68
6.3
85
4
125
4
8
500
1
0.412
0.371
0.165
TPSC686*006#0150
C
68
6.3
85
4
125
4.3
6
150
1
0.856
0.771
0.343
TPSC686*006#0200
C
68
6.3
85
4
125
4.3
6
200
1
0.742
0.667
0.297
TPSW686*006#0110
W
68
6.3
85
4
125
4.3
6
110
1
0.905
0.814
0.362
TPSW686*006#0125
W
68
6.3
85
4
125
4.3
6
125
1
0.849
0.764
0.339
TPSW686*006#0250
W
68
6.3
85
4
125
4.3
6
250
1
0.600
0.540
0.240
TPSB107*006#0250
B
100
6.3
85
4
125
6.3
10
250
1
0.583
0.525
0.233
TPSB107*006#0400
B
100
6.3
85
4
125
6.3
10
400
1
0.461
0.415
0.184
TPSC107*006#0075
C
100
6.3
85
4
125
6.3
6
75
1
1.211
1.090
0.484
TPSC107*006#0150
C
100
6.3
85
4
125
6.3
6
150
1
0.856
0.771
0.343
TPSD107*006#0300
D
100
6.3
85
4
125
6.3
6
300
1
0.707
0.636
0.283
TPSW107*006#0100
W
100
6.3
85
4
125
6.3
6
100
1
0.949
0.854
0.379
TPSW107*006#0150
W
100
6.3
85
4
125
6.3
6
150
1
0.775
0.697
0.310
TPSY107*006#0100
Y
100
6.3
85
4
125
6.3
6
100
11)
1.118
1.006
0.447
TPSC157*006#0050
C
150
6.3
85
4
125
9.5
6
50
1
1.483
1.335
0.593
TPSC157*006#0090
C
150
6.3
85
4
125
9.5
6
90
1
1.106
0.995
0.442
TPSC157*006#0150
C
150
6.3
85
4
125
9.5
6
150
1
0.856
0.771
0.343
TPSC157*006#0200
C
150
6.3
85
4
125
9.5
6
200
1
0.742
0.667
0.297
TPSC157*006#0250
C
150
6.3
85
4
125
9.5
6
250
1
0.663
0.597
0.265
TPSD157*006#0050
D
150
6.3
85
4
125
9.5
6
50
1
1.732
1.559
0.693
TPSD157*006#0125
D
150
6.3
85
4
125
9.5
6
125
1
1.095
0.986
0.438
TPSY157*006#0040
Y
150
6.3
85
4
125
9.5
6
40
11)
1.768
1.591
0.707
TPSY157*006#0050
Y
150
6.3
85
4
125
9.5
6
50
11)
1.581
1.423
0.632
TPSC227*006#0070
C
220
6.3
85
4
125
13.9
8
70
1
1.254
1.128
0.501
TPSC227*006#0100
C
220
6.3
85
4
125
13.9
8
100
1
1.049
0.944
0.420
TPSC227*006#0125
C
220
6.3
85
4
125
13.9
8
125
1
0.938
0.844
0.375
TPSC227*006#0250
C
220
6.3
85
4
125
13.9
8
250
1
0.663
0.597
0.265
TPSD227*006#0050
D
220
6.3
85
4
125
13.9
8
50
1
1.732
1.559
0.693
TPSD227*006#0100
D
220
6.3
85
4
125
13.9
8
100
1
1.225
1.102
0.490
TPSD227*006#0125
D
220
6.3
85
4
125
13.9
8
125
1
1.095
0.986
0.438
TPSE227*006#0100
E
220
6.3
85
4
125
13.9
8
100
11)
1.285
1.156
0.514
TPSF227*006#0200
F
220
6.3
85
4
125
13.2
10
200
1
0.707
0.636
0.283
TPSY227*006#0100
Y
220
6.3
85
4
125
13.9
8
100
11)
1.118
1.006
0.447
TPSY227*006#0150
Y
220
6.3
85
4
125
13.9
8
150
11)
0.913
0.822
0.365
TPSC337*006#0080
C
330
6.3
85
4
125
19.8
12
80
1
1.173
1.055
0.469
TPSC337*006#0100
C
330
6.3
85
4
125
19.8
12
100
1
1.049
0.944
0.420
TPSD337*006#0045
D
330
6.3
85
4
125
20.8
8
45
1
1.826
1.643
0.730
TPSD337*006#0050
D
330
6.3
85
4
125
20.8
8
50
1
1.732
1.559
0.693
TPSD337*006#0070
D
330
6.3
85
4
125
20.8
8
70
1
1.464
1.317
0.586
TPSD337*006#0100
D
330
6.3
85
4
125
20.8
8
100
1
1.225
1.102
0.490
TPSE337*006#0050
E
330
6.3
85
4
125
20.8
8
50
11)
1.817
1.635
0.727
TPSE337*006#0100
E
330
6.3
85
4
125
20.8
8
100
11)
1.285
1.156
0.514



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com