Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 6 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 6 Page - AVX Corporation

Back Button TPS Datasheet HTML 2Page - AVX Corporation TPS Datasheet HTML 3Page - AVX Corporation TPS Datasheet HTML 4Page - AVX Corporation TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation TPS Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
80
112516
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSC476*010#0350
C
47
10
85
7
125
4.7
6
350
1
0.561
0.505
0.224
TPSD476*010#0100
D
47
10
85
7
125
4.7
6
100
1
1.225
1.102
0.490
TPSD476*010#0300
D
47
10
85
7
125
4.7
6
300
1
0.707
0.636
0.283
TPSW476*010#0125
W
47
10
85
7
125
4.7
6
125
1
0.849
0.764
0.339
TPSW476*010#0150
W
47
10
85
7
125
4.7
6
150
1
0.775
0.697
0.310
TPSW476*010#0250
W
47
10
85
7
125
4.7
6
250
1
0.600
0.540
0.240
TPSB686*010#0600
B
68
10
85
7
125
6.8
8
600
1
0.376
0.339
0.151
TPSC686*010#0080
C
68
10
85
7
125
6.8
6
80
1
1.173
1.055
0.469
TPSC686*010#0100
C
68
10
85
7
125
6.8
6
100
1
1.049
0.944
0.420
TPSC686*010#0200
C
68
10
85
7
125
6.8
6
200
1
0.742
0.667
0.297
TPSC686*010#0300
C
68
10
85
7
125
6.8
6
300
1
0.606
0.545
0.242
TPSD686*010#0100
D
68
10
85
7
125
6.8
6
100
1
1.225
1.102
0.490
TPSD686*010#0150
D
68
10
85
7
125
6.8
6
150
1
1.000
0.900
0.400
TPSY686*010#0100
Y
68
10
85
7
125
6.8
6
100
1
1)
1.118
1.006
0.447
TPSY686*010#0200
Y
68
10
85
7
125
6.8
6
200
1
1)
0.791
0.712
0.316
TPSW686*010#0100
W
68
10
85
7
125
6.8
6
100
1
0.949
0.854
0.379
TPSW686*010#0150
W
68
10
85
7
125
6.8
6
150
1
0.775
0.697
0.310
TPSB107*010#0400
B
100
10
85
7
125
10
8
400
1
0.461
0.415
0.184
TPSC107*010#0075
C
100
10
85
7
125
10
8
75
1
1.211
1.090
0.484
TPSC107*010#0100
C
100
10
85
7
125
10
8
100
1
1.049
0.944
0.420
TPSC107*010#0150
C
100
10
85
7
125
10
8
150
1
0.856
0.771
0.343
TPSC107*010#0200
C
100
10
85
7
125
10
8
200
1
0.742
0.667
0.297
TPSD107*010#0050
D
100
10
85
7
125
10
6
50
1
1.732
1.559
0.693
TPSD107*010#0065
D
100
10
85
7
125
10
6
65
1
1.519
1.367
0.608
TPSD107*010#0080
D
100
10
85
7
125
10
6
80
1
1.369
1.232
0.548
TPSD107*010#0100
D
100
10
85
7
125
10
6
100
1
1.225
1.102
0.490
TPSD107*010#0125
D
100
10
85
7
125
10
6
125
1
1.095
0.986
0.438
TPSD107*010#0150
D
100
10
85
7
125
10
6
150
1
1.000
0.900
0.400
TPSE107*010#0125
E
100
10
85
7
125
10
6
125
1
1)
1.149
1.034
0.460
TPSW107*010#0150
W
100
10
85
7
125
10
6
150
1
0.775
0.697
0.310
TPSX107*010#0085
X
100
10
85
7
125
10
8
85
1
1)
1.085
0.976
0.434
TPSX107*010#0150
X
100
10
85
7
125
10
8
150
1
1)
0.816
0.735
0.327
TPSX107*010#0200
X
100
10
85
7
125
10
8
200
1
1)
0.707
0.636
0.283
TPSY107*010#0100
Y
100
10
85
7
125
10
6
100
1
1)
1.118
1.006
0.447
TPSY107*010#0150
Y
100
10
85
7
125
10
6
150
1
1)
0.913
0.822
0.365
TPSY107*010#0200
Y
100
10
85
7
125
10
6
200
1
1)
0.791
0.712
0.316
TPSC157*010#0150
C
150
10
85
7
125
15
8
150
1
0.856
0.771
0.343
TPSD157*010#0050
D
150
10
85
7
125
15
8
50
1
1.732
1.559
0.693
TPSD157*010#0085
D
150
10
85
7
125
15
8
85
1
1.328
1.196
0.531
TPSD157*010#0100
D
150
10
85
7
125
15
8
100
1
1.225
1.102
0.490
TPSE157*010#0100
E
150
10
85
7
125
15
8
100
1
1)
1.285
1.156
0.514
TPSF157*010#0200
F
150
10
85
7
125
15
10
200
1
0.707
0.636
0.283
TPSX157M010#0100
X
150
10
85
7
125
15
6
100
1
1)
1.000
0.900
0.400
TPSY157*010#0100
Y
150
10
85
7
125
15
6
100
1
1)
1.118
1.006
0.447
TPSY157*010#0150
Y
150
10
85
7
125
15
6
150
1
1)
0.913
0.822
0.365
TPSY157*010#0200
Y
150
10
85
7
125
15
6
200
1
1)
0.791
0.712
0.316
TPSD227*010#0040
D
220
10
85
7
125
22
8
40
1
1.936
1.743
0.775
TPSD227*010#0050
D
220
10
85
7
125
22
8
50
1
1.732
1.559
0.693
TPSD227*010#0100
D
220
10
85
7
125
22
8
100
1
1.225
1.102
0.490
TPSD227*010#0150
D
220
10
85
7
125
22
8
150
1
1.000
0.900
0.400
TPSE227*010#0050
E
220
10
85
7
125
22
8
50
1
1)
1.817
1.635
0.727
TPSE227*010#0060
E
220
10
85
7
125
22
8
60
1
1)
1.658
1.492
0.663
TPSE227*010#0070
E
220
10
85
7
125
22
8
70
1
1)
1.535
1.382
0.614
TPSE227*010#0100
E
220
10
85
7
125
22
8
100
1
1)
1.285
1.156
0.514
TPSE227*010#0125
E
220
10
85
7
125
22
8
125
1
1)
1.149
1.034
0.460
TPSE227*010#0150
E
220
10
85
7
125
22
8
150
1
1)
1.049
0.944
0.420
TPSY227*010#0100
Y
220
10
85
7
125
22
10
100
1
1)
1.118
1.006
0.447
TPSY227*010#0150
Y
220
10
85
7
125
22
10
150
1
1)
0.913
0.822
0.365
TPSY227*010#0200
Y
220
10
85
7
125
22
10
200
1
1)
0.791
0.712
0.316
TPSD337*010#0050
D
330
10
85
7
125
33
8
50
1
1.732
1.559
0.693
TPSD337*010#0065
D
330
10
85
7
125
33
8
65
1
1.519
1.367
0.608
TPSD337*010#0100
D
330
10
85
7
125
33
8
100
1
1.225
1.102
0.490
TPSD337*010#0150
D
330
10
85
7
125
33
8
150
1
1.000
0.900
0.400
TPSE337*010#0040
E
330
10
85
7
125
33
8
40
1
1)
2.031
1.828
0.812
TPSE337*010#0050
E
330
10
85
7
125
33
8
50
1
1)
1.817
1.635
0.727
TPSE337*010#0060
E
330
10
85
7
125
33
8
60
1
1)
1.658
1.492
0.663
TPSE337*010#0100
E
330
10
85
7
125
33
8
100
1
1)
1.285
1.156
0.514
TPSV337*010#0040
V
330
10
85
7
125
33
10
40
1
1)
2.500
2.250
1.000
TPSV337*010#0060
V
330
10
85
7
125
33
10
60
1
1)
2.041
1.837
0.816
TPSV337*010#0100
V
330
10
85
7
125
33
10
100
1
1)
1.581
1.423
0.632
TPSE477*010#0045
E
470
10
85
7
125
47
10
45
1
1)
1.915
1.723
0.766
TPSE477*010#0050
E
470
10
85
7
125
47
10
50
1
1)
1.817
1.635
0.727



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com