Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 5 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 5 Page - AVX Corporation

  TPS Datasheet HTML 1Page - AVX Corporation TPS Datasheet HTML 2Page - AVX Corporation TPS Datasheet HTML 3Page - AVX Corporation TPS Datasheet HTML 4Page - AVX Corporation TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
79
112516
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSE337*006#0125
E
330
6.3
85
4
125
20.8
8
125
11)
1.149
1.034
0.460
TPSE337*006#0150
E
330
6.3
85
4
125
20.8
8
150
11)
1.049
0.944
0.420
TPSV337*006#0100
V
330
6.3
85
4
125
20.8
8
100
11)
1.581
1.423
0.632
TPSY337*006#0075
Y
330
6.3
85
4
125
20.8
12
75
11)
1.291
1.162
0.516
TPSY337*006#0100
Y
330
6.3
85
4
125
20.8
12
100
11)
1.118
1.006
0.447
TPSY337*006#0150
Y
330
6.3
85
4
125
20.8
12
150
11)
0.913
0.822
0.365
TPSD477*006#0045
D
470
6.3
85
4
125
28
12
45
1
1.826
1.643
0.730
TPSD477*006#0060
D
470
6.3
85
4
125
28
12
60
1
1.581
1.423
0.632
TPSD477*006#0100
D
470
6.3
85
4
125
28
12
100
1
1.225
1.102
0.490
TPSD477*006#0200
D
470
6.3
85
4
125
28
12
200
1
0.866
0.779
0.346
TPSE477*006#0045
E
470
6.3
85
4
125
28
10
45
11)
1.915
1.723
0.766
TPSE477*006#0050
E
470
6.3
85
4
125
28
10
50
11)
1.817
1.635
0.727
TPSE477*006#0060
E
470
6.3
85
4
125
28
10
60
11)
1.658
1.492
0.663
TPSE477*006#0100
E
470
6.3
85
4
125
28
10
100
11)
1.285
1.156
0.514
TPSE477*006#0200
E
470
6.3
85
4
125
28
10
200
11)
0.908
0.817
0.363
TPSV477*006#0040
V
470
6.3
85
4
125
28
10
40
11)
2.500
2.250
1.000
TPSV477*006#0055
V
470
6.3
85
4
125
28
10
55
11)
2.132
1.919
0.853
TPSV477*006#0100
V
470
6.3
85
4
125
28
10
100
11)
1.581
1.423
0.632
TPSY477*006#0150
Y
470
6,3
85
4
125
28.2
20
150
11)
0.913
0.822
0.365
TPSE687*006#0045
E
680
6.3
85
4
125
42.8
10
45
11)
1.915
1.723
0.766
TPSE687*006#0060
E
680
6.3
85
4
125
42.8
10
60
11)
1.658
1.492
0.663
TPSE687*006#0100
E
680
6.3
85
4
125
42.8
10
100
11)
1.285
1.156
0.514
TPSV687*006#0035
V
680
6.3
85
4
125
42.8
14
35
11)
2.673
2.405
1.069
TPSV687*006#0040
V
680
6.3
85
4
125
42.8
10
40
11)
2.500
2.250
1.000
TPSV687*006#0050
V
680
6.3
85
4
125
42.8
10
50
11)
2.236
2.012
0.894
TPSE108M006#0100
E
1000
6.3
85
4
125
60
20
100
11)
1.285
1.156
0.514
TPSV108M006#0040
V
1000
6.3
85
4
125
60
16
40
11)
2.500
2.250
1.000
TPSV108M006#0050
V
1000
6.3
85
4
125
60
16
50
11)
2.236
2.012
0.894
10 Volt @ 85°C
TPSR105*010#9000
R
1
10
85
7
125
0.5
4
9000
1
0.078
0.070
0.031
TPSA225*010#1800
A
2.2
10
85
7
125
0.5
6
1800
1
0.204
0.184
0.082
TPST335*010#1500
T
3.3
10
85
7
125
0.5
6
1500
1
0.231
0.208
0.092
TPSA475*010#1400
A
4.7
10
85
7
125
0.5
6
1400
1
0.231
0.208
0.093
TPSB475*010#1400
B
4.7
10
85
7
125
0.5
6
1400
1
0.246
0.222
0.099
TPSR475*010#3000
R
4.7
10
85
7
125
0.5
6
3000
1
0.135
0.122
0.054
TPSR475*010#5000
R
4.7
10
85
7
125
0.5
6
5000
1
0.105
0.094
0.042
TPSA685*010#1800
A
6.8
10
85
7
125
0.7
6
1800
1
0.204
0.184
0.082
TPSB685*010#1300
B
6.8
10
85
7
125
0.7
6
1300
1
0.256
0.230
0.102
TPST685*010#1800
T
6.8
10
85
7
125
0.7
6
1800
1
0.211
0.190
0.084
TPSA106*010#0900
A
10
10
85
7
125
1
6
900
1
0.289
0.260
0.115
TPSA106*010#1800
A
10
10
85
7
125
1
6
1800
1
0.204
0.184
0.082
TPSB106*010#1000
B
10
10
85
7
125
1
6
1000
1
0.292
0.262
0.117
TPSP106M010#2000
P
10
10
85
7
125
1
8
2000
1
0.173
0.156
0.069
TPSS106*010#0900
S
10
10
85
7
125
1
8
900
1
0.269
0.242
0.107
TPST106*010#1000
T
10
10
85
7
125
1
6
1000
1
0.283
0.255
0.113
TPST106*010#2000
T
10
10
85
7
125
1
6
2000
1
0.200
0.180
0.080
TPSA156*010#1000
A
15
10
85
7
125
1.5
6
1000
1
0.274
0.246
0.110
TPSB156*010#0450
B
15
10
85
7
125
1.5
6
450
1
0.435
0.391
0.174
TPSB156*010#0600
B
15
10
85
7
125
1.5
6
600
1
0.376
0.339
0.151
TPSC156*010#0700
C
15
10
85
7
125
1.5
6
700
1
0.396
0.357
0.159
TPST156*010#1200
T
15
10
85
7
125
1.5
8
1200
1
0.258
0.232
0.103
TPSA226*010#0900
A
22
10
85
7
125
2.2
8
900
1
0.289
0.260
0.115
TPSB226*010#0400
B
22
10
85
7
125
2.2
6
400
1
0.461
0.415
0.184
TPSB226*010#0500
B
22
10
85
7
125
2.2
6
500
1
0.412
0.371
0.165
TPSB226*010#0700
B
22
10
85
7
125
2.2
6
700
1
0.348
0.314
0.139
TPSC226*010#0300
C
22
10
85
7
125
2.2
6
300
1
0.606
0.545
0.242
TPST226*010#0800
T
22
10
85
7
125
2.2
8
800
1
0.316
0.285
0.126
TPSA336*010#0700
A
33
10
85
7
125
3.3
8
700
1
0.327
0.295
0.131
TPSB336*010#0250
B
33
10
85
7
125
3.3
6
250
1
0.583
0.525
0.233
TPSB336*010#0425
B
33
10
85
7
125
3.3
6
425
1
0.447
0.402
0.179
TPSB336*010#0500
B
33
10
85
7
125
3.3
6
500
1
0.412
0.371
0.165
TPSB336*010#0650
B
33
10
85
7
125
3.3
6
650
1
0.362
0.325
0.145
TPSC336*010#0150
C
33
10
85
7
125
3.3
6
150
1
0.856
0.771
0.343
TPSC336*010#0375
C
33
10
85
7
125
3.3
6
375
1
0.542
0.487
0.217
TPSC336*010#0500
C
33
10
85
7
125
3.3
6
500
1
0.469
0.422
0.188
TPSW336*010#0350
W
33
10
85
7
125
3.3
6
350
1
0.507
0.456
0.203
TPSB476*010#0250
B
47
10
85
7
125
4.7
8
250
1
0.583
0.525
0.233
TPSB476*010#0350
B
47
10
85
7
125
4.7
8
350
1
0.493
0.444
0.197
TPSB476*010#0500
B
47
10
85
7
125
4.7
8
500
1
0.412
0.371
0.165
TPSB476*010#0650
B
47
10
85
7
125
4.7
8
650
1
0.362
0.325
0.145
TPSC476*010#0200
C
47
10
85
7
125
4.7
6
200
1
0.742
0.667
0.297



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com