Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 9 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 9 Page - AVX Corporation

Back Button TPS Datasheet HTML 3Page - AVX Corporation TPS Datasheet HTML 4Page - AVX Corporation TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation TPS Datasheet HTML 10Page - AVX Corporation TPS Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
83
112516
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSE476*020#0070
E
47
20
85
13
125
9.4
6
70
11)
1.535
1.382
0.614
TPSE476*020#0125
E
47
20
85
13
125
9.4
6
125
11)
1.149
1.034
0.460
TPSE476*020#0150
E
47
20
85
13
125
9.4
6
150
11)
1.049
0.944
0.420
TPSE476*020#0200
E
47
20
85
13
125
9.4
6
200
11)
0.908
0.817
0.363
TPSE476*020#0250
E
47
20
85
13
125
9.4
6
250
11)
0.812
0.731
0.325
TPSX476*020#0200
X
47
20
85
13
125
9.4
6
200
11)
0.707
0.636
0.283
TPSD686*020#0070
D
68
20
85
13
125
13.6
6
70
1
1.464
1.317
0.586
TPSD686*020#0150
D
68
20
85
13
125
13.6
6
150
1
1.000
0.900
0.400
TPSD686*020#0200
D
68
20
85
13
125
13.6
6
200
1
0.866
0.779
0.346
TPSD686*020#0300
D
68
20
85
13
125
13.6
6
300
1
0.707
0.636
0.283
TPSE686*020#0125
E
68
20
85
13
125
13.6
6
125
11)
1.149
1.034
0.460
TPSE686*020#0150
E
68
20
85
13
125
13.6
6
150
11)
1.049
0.944
0.420
TPSE686*020#0200
E
68
20
85
13
125
13.6
6
200
11)
0.908
0.817
0.363
TPSY686*020#0200
Y
68
20
85
13
125
13.6
6
200
11)
0.791
0.712
0.316
TPSD107*020#0085
D
100
20
85
13
125
20
6
85
1
1.328
1.196
0.531
TPSD107*020#0100
D
100
20
85
13
125
20
6
100
1
1.225
1.102
0.490
TPSD107*020#0150
D
100
20
85
13
125
20
6
150
1
1.000
0.900
0.400
TPSE107*020#0100
E
100
20
85
13
125
20
6
100
11)
1.285
1.156
0.514
TPSE107*020#0150
E
100
20
85
13
125
20
6
150
11)
1.049
0.944
0.420
TPSE107*020#0200
E
100
20
85
13
125
20
6
200
11)
0.908
0.817
0.363
TPSV107*020#0060
V
100
20
85
13
125
20
8
60
11)
2.041
1.837
0.816
TPSV107*020#0085
V
100
20
85
13
125
20
8
85
11)
1.715
1.543
0.686
TPSV107*020#0100
V
100
20
85
13
125
20
8
100
11)
1.581
1.423
0.632
TPSV107*020#0200
V
100
20
85
13
125
20
8
200
11)
1.118
1.006
0.447
TPSV157*020#0080
V
150
20
85
13
125
30
8
80
11)
1.768
1.591
0.707
25 Volt @ 85°C
TPSA474*025#7000
A
0.47
25
85
17
125
0.5
4
7000
1
0.104
0.093
0.041
TPSA684*025#6000
A
0.68
25
85
17
125
0.5
4
6000
1
0.112
0.101
0.045
TPSA105*025#4000
A
1
25
85
17
125
0.5
4
4000
1
0.137
0.123
0.055
TPSR105*025#2500
R
1
25
85
17
125
0.5
4
2500
1
0.148
0.133
0.059
TPSR105*025#4000
R
1
25
85
17
125
0.5
4
4000
1
0.117
0.106
0.047
TPSA155*025#3000
A
1.5
25
85
17
125
0.5
6
3000
1
0.158
0.142
0.063
TPSB155*025#1800
B
1.5
25
85
17
125
0.5
6
1800
1
0.217
0.196
0.087
TPSA225*025#2500
A
2.2
25
85
17
125
0.6
6
2500
1
0.173
0.156
0.069
TPSB225*025#0900
B
2.2
25
85
17
125
0.6
6
900
1
0.307
0.277
0.123
TPSB225*025#1200
B
2.2
25
85
17
125
0.6
6
1200
1
0.266
0.240
0.106
TPSB225*025#2500
B
2.2
25
85
17
125
0.6
6
2500
1
0.184
0.166
0.074
TPSA335*025#1000
A
3.3
25
85
17
125
0.8
6
1000
1
0.274
0.246
0.110
TPSA335*025#1500
A
3.3
25
85
17
125
0.8
6
1500
1
0.224
0.201
0.089
TPSB335*025#0750
B
3.3
25
85
17
125
0.8
6
750
1
0.337
0.303
0.135
TPSB335*025#1500
B
3.3
25
85
17
125
0.8
6
1500
1
0.238
0.214
0.095
TPSB335*025#2000
B
3.3
25
85
17
125
0.8
6
2000
1
0.206
0.186
0.082
TPSB475*025#0700
B
4.7
25
85
17
125
1.2
6
700
1
0.348
0.314
0.139
TPSB475*025#0900
B
4.7
25
85
17
125
1.2
6
900
1
0.307
0.277
0.123
TPSB475*025#1500
B
4.7
25
85
17
125
1.2
6
1500
1
0.238
0.214
0.095
TPSC475*025#0700
C
4.7
25
85
17
125
1.2
6
700
1
0.396
0.357
0.159
TPSB685*025#0700
B
6.8
25
85
17
125
1.7
6
700
1
0.348
0.314
0.139
TPSC685*025#0500
C
6.8
25
85
17
125
1.7
6
500
1
0.469
0.422
0.188
TPSC685*025#0600
C
6.8
25
85
17
125
1.7
6
600
1
0.428
0.385
0.171
TPSC685*025#0700
C
6.8
25
85
17
125
1.7
6
700
1
0.396
0.357
0.159
TPSB106*025#1800
B
10
25
85
17
125
2.5
6
1800
1
0.217
0.196
0.087
TPSC106*025#0300
C
10
25
85
17
125
2.5
6
300
1
0.606
0.545
0.242
TPSC106*025#0500
C
10
25
85
17
125
2.5
6
500
1
0.469
0.422
0.188
TPSD106*025#0500
D
10
25
85
17
125
2.5
6
500
1
0.548
0.493
0.219
TPSC156*025#0220
C
15
25
85
17
125
3.8
6
220
1
0.707
0.636
0.283
TPSC156*025#0300
C
15
25
85
17
125
3.8
6
300
1
0.606
0.545
0.242
TPSD156*025#0100
D
15
25
85
17
125
3.8
6
100
1
1.225
1.102
0.490
TPSD156*025#0300
D
15
25
85
17
125
3.8
6
300
1
0.707
0.636
0.283
TPSC226*025#0275
C
22
25
85
17
125
5.5
6
275
1
0.632
0.569
0.253
TPSC226*025#0400
C
22
25
85
17
125
5.5
6
400
1
0.524
0.472
0.210
TPSD226*025#0100
D
22
25
85
17
125
5.5
6
100
1
1.225
1.102
0.490
TPSD226*025#0200
D
22
25
85
17
125
5.5
6
200
1
0.866
0.779
0.346
TPSD226*025#0300
D
22
25
85
17
125
5.5
6
300
1
0.707
0.636
0.283
TPSC336*025#0400
C
33
25
85
17
125
8.3
6
400
1
0.524
0.472
0.210
TPSD336*025#0100
D
33
25
85
17
125
8.3
6
100
1
1.225
1.102
0.490
TPSD336*025#0200
D
33
25
85
17
125
8.3
6
200
1
0.866
0.779
0.346
TPSD336*025#0300
D
33
25
85
17
125
8.3
6
300
1
0.707
0.636
0.283
TPSE336*025#0100
E
33
25
85
17
125
8.3
6
100
11)
1.285
1.156
0.514
TPSE336*025#0175
E
33
25
85
17
125
8.3
6
175
11)
0.971
0.874
0.388
TPSE336*025#0200
E
33
25
85
17
125
8.3
6
200
11)
0.908
0.817
0.363
TPSE336*025#0300
E
33
25
85
17
125
8.3
6
300
11)
0.742
0.667
0.297N



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com