Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 10 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 10 Page - AVX Corporation

Back Button TPS Datasheet HTML 3Page - AVX Corporation TPS Datasheet HTML 4Page - AVX Corporation TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation TPS Datasheet HTML 10Page - AVX Corporation TPS Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
84
112516
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSY336*025#0200
Y
33
25
85
17
125
8.3
6
200
1
1)
0.791
0.712
0.316
TPSD476*025#0125
D
47
25
85
17
125
11.8
6
125
1
1.095
0.986
0.438
TPSD476*025#0150
D
47
25
85
17
125
11.8
6
150
1
1.000
0.900
0.400
TPSD476*025#0250
D
47
25
85
17
125
11.8
6
250
1
0.775
0.697
0.310
TPSE476*025#0080
E
47
25
85
17
125
11.8
6
80
1
1)
1.436
1.293
0.574
TPSE476*025#0100
E
47
25
85
17
125
11.8
6
100
1
1)
1.285
1.156
0.514
TPSE476*025#0125
E
47
25
85
17
125
11.8
6
125
1
1)
1.149
1.034
0.460
TPSY476*025#0250
Y
47
25
85
17
125
11.8
6
250
1
1)
0.707
0.636
0.283
TPSD686*025#0150
D
68
25
85
17
125
17
6
150
1
1.000
0.900
0.400
TPSD686*025#0200
D
68
25
85
17
125
17
6
200
1
0.866
0.779
0.346
TPSD686*025#0300
D
68
25
85
17
125
17
6
300
1
0.707
0.636
0.283
TPSE686*025#0125
E
68
25
85
17
125
17
6
125
1
1)
1.149
1.034
0.460
TPSE686*025#0200
E
68
25
85
17
125
17
6
200
1
1)
0.908
0.817
0.363
TPSV686*025#0080
V
68
25
85
17
125
17
6
80
1
1)
1.768
1.591
0.707
TPSV686*025#0095
V
68
25
85
17
125
17
6
95
1
1)
1.622
1.460
0.649
TPSV686*025#0150
V
68
25
85
17
125
17
6
150
1
1)
1.291
1.162
0.516
TPSV686*025#0200
V
68
25
85
17
125
17
6
200
1
1)
1.118
1.006
0.447
TPSE107*025#0150
E
100
25
85
17
125
25
10
150
1
1)
1.049
0.944
0.420
TPSV107*025#0100
V
100
25
85
17
125
25
8
100
1
1)
1.581
1.423
0.632
TPSV157M025#0150
V
150
25
85
17
125
37.5
10
150
1
1)
1.291
1.162
0.516
35 Volt @ 85°C
TPSA224*035#6000
A
0.22
35
85
23
125
0.5
4
6000
1
0.112
0.101
0.045
TPSA334*035#6000
A
0.33
35
85
23
125
0.5
4
6000
1
0.112
0.101
0.045
TPSA474*035#6000
A
0.47
35
85
23
125
0.5
4
6000
1
0.112
0.101
0.045
TPSB474*035#4000
B
0.47
35
85
23
125
0.5
4
4000
1
0.146
0.131
0.058
TPSA684*035#6000
A
0.68
35
85
23
125
0.5
4
6000
1
0.112
0.101
0.045
TPSA105*035#3000
A
1
35
85
23
125
0.5
4
3000
1
0.158
0.142
0.063
TPSB105*035#2000
B
1
35
85
23
125
0.5
4
2000
1
0.206
0.186
0.082
TPSA155*035#3000
A
1.5
35
85
23
125
0.5
6
3000
1
0.158
0.142
0.063
TPSB155*035#2500
B
1.5
35
85
23
125
0.5
6
2500
1
0.184
0.166
0.074
TPSA225*035#1500
A
2.2
35
85
23
125
0.8
6
1500
1
0.224
0.201
0.089
TPSB225*035#0750
B
2.2
35
85
23
125
0.8
6
750
1
0.337
0.303
0.135
TPSB225*035#1500
B
2.2
35
85
23
125
0.8
6
1500
1
0.238
0.214
0.095
TPSB225*035#2000
B
2.2
35
85
23
125
0.8
6
2000
1
0.206
0.186
0.082
TPSC225*035#1000
C
2.2
35
85
23
125
0.8
6
1000
1
0.332
0.298
0.133
TPSB335*035#1000
B
3.3
35
85
23
125
1.2
6
1000
1
0.292
0.262
0.117
TPSC335*035#0700
C
3.3
35
85
23
125
1.2
6
700
1
0.396
0.357
0.159
TPSB475*035#0700
B
4.7
35
85
23
125
1.6
6
700
1
0.348
0.314
0.139
TPSB475*035#1500
B
4.7
35
85
23
125
1.6
6
1500
1
0.238
0.214
0.095
TPSC475*035#0600
C
4.7
35
85
23
125
1.6
6
600
1
0.428
0.385
0.171
TPSD475*035#0700
D
4.7
35
85
23
125
1.6
6
700
1
0.463
0.417
0.185
TPSC685*035#0350
C
6.8
35
85
23
125
2.4
6
350
1
0.561
0.505
0.224
TPSD685*035#0150
D
6.8
35
85
23
125
2.4
6
150
1
1.000
0.900
0.400
TPSD685*035#0400
D
6.8
35
85
23
125
2.4
6
400
1
0.612
0.551
0.245
TPSD685*035#0500
D
6.8
35
85
23
125
2.4
6
500
1
0.548
0.493
0.219
TPSC106*035#0600
C
10
35
85
23
125
3.5
6
600
1
0.428
0.385
0.171
TPSD106*035#0125
D
10
35
85
23
125
3.5
6
125
1
1.095
0.986
0.438
TPSD106*035#0300
D
10
35
85
23
125
3.5
6
300
1
0.707
0.636
0.283
TPSE106*035#0200
E
10
35
85
23
125
3.5
6
200
1
1)
0.908
0.817
0.363
TPSY106*035#0250
Y
10
35
85
23
125
3.5
6
250
1
1)
0.707
0.636
0.283
TPSC156*035#0350
C
15
35
85
23
125
5.3
6
350
1
0.561
0.505
0.224
TPSC156*035#0450
C
15
35
85
23
125
5.3
6
450
1
0.494
0.445
0.198
TPSD156*035#0100
D
15
35
85
23
125
5.3
6
100
1
1.225
1.102
0.490
TPSD156*035#0300
D
15
35
85
23
125
5.3
6
300
1
0.707
0.636
0.283
TPSY156*035#0250
Y
15
35
85
23
125
5.3
6
250
1
1)
0.707
0.636
0.283
TPSD226*035#0125
D
22
35
85
23
125
7.7
6
125
1
1.095
0.986
0.438
TPSD226*035#0200
D
22
35
85
23
125
7.7
6
200
1
0.866
0.779
0.346
TPSD226*035#0300
D
22
35
85
23
125
7.7
6
300
1
0.707
0.636
0.283
TPSD226*035#0400
D
22
35
85
23
125
7.7
6
400
1
0.612
0.551
0.245
TPSE226*035#0125
E
22
35
85
23
125
7.7
6
125
1
1)
1.149
1.034
0.460
TPSE226*035#0200
E
22
35
85
23
125
7.7
6
200
1
1)
0.908
0.817
0.363
TPSE226*035#0300
E
22
35
85
23
125
7.7
6
300
1
1)
0.742
0.667
0.297
TPSY226*035#0200
Y
22
35
85
23
125
7.7
6
200
1
1)
0.791
0.712
0.316
TPSD336*035#0200
D
33
35
85
23
125
11.6
6
200
1
0.866
0.779
0.346
TPSD336*035#0300
D
33
35
85
23
125
11.6
6
300
1
0.707
0.636
0.283
TPSE336*035#0100
E
33
35
85
23
125
11.6
6
100
1
1)
1.285
1.156
0.514
TPSE336*035#0250
E
33
35
85
23
125
11.6
6
250
1
1)
0.812
0.731
0.325
TPSE336*035#0300
E
33
35
85
23
125
11.6
6
300
1
1)
0.742
0.667
0.297
TPSV336*035#0200
V
33
35
85
23
125
11.6
6
200
1
1)
1.118
1.006
0.447
TPSE476*035#0200
E
47
35
85
23
125
16.5
6
200
1
1)
0.908
0.817
0.363
TPSE476*035#0250
E
47
35
85
23
125
16.5
6
250
1
1)
0.812
0.731
0.325
TPSV476*035#0150
V
47
35
85
23
125
16.5
6
150
1
1)
1.291
1.162
0.516
TPSV476*035#0200
V
47
35
85
23
125
16.5
6
200
1
1)
1.118
1.006
0.447



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com