Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC2919 Datasheet HTML 35Page - NXP Semiconductors LPC2919 Datasheet HTML 36Page - NXP Semiconductors LPC2919 Datasheet HTML 37Page - NXP Semiconductors LPC2919 Datasheet HTML 38Page - NXP Semiconductors LPC2919 Datasheet HTML 39Page - NXP Semiconductors LPC2919 Datasheet HTML 40Page - NXP Semiconductors LPC2919 Datasheet HTML 41Page - NXP Semiconductors LPC2919 Datasheet HTML 42Page - NXP Semiconductors LPC2919 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
39 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
8.7.6.4
Master and slave mode
A PWM module can provide synchronization signals to other modules (also called Master
mode). The signal sync_out is a pulse of one clock cycle generated when the internal
PWM counter (re)starts. The signal trans_enable_out is a pulse synchronous to sync_out,
generated if a transfer from system registers to PWM shadow registers occurred when the
PWM counter restarted. A delay may be inserted between the counter start and
generation of trans_enable_out and sync_out.
A PWM module can use input signals trans_enable_in and sync_in to synchronize its
internal PWM counter and the transfer of shadow registers (Slave mode).
8.7.6.5
PWM pin description
Each of the four PWM modules in the MSCSS has the following pins. These are combined
with other functions on the port pins of the LPC2917/19. Table 21 shows the PWM0 to
PWM3 pins.
8.7.6.6
PWM clock description
The PWM modules are clocked by CLK_MSCSS_PWMx (x = 0-3), see Section 7.2.2.
Note that each PWM has its own CLK_MSCSS_PWMx branch clock for power
management. The frequency of all these clocks is identical to CLK_MSCSS_VPB since
they are derived from the same base clock BASE_MSCSS_CLK.
Also note that unlike the timer modules in the Peripheral SubSystem, the actual timer
counter registers of the PWM modules run at the same clock as the VPB system interface
CLK_MSCSS_VPB. This clock is independent of the AHB system clock.
If a PWM module is not used its CLK_MSCSS_PWMx branch clock can be switched off.
8.7.7 Timers in the MSCSS
8.7.7.1
Overview
The two timers in the MSCSS are functionally identical to the timers in the peripheral
subsystem, see Section 8.4.3. The features of the timers in the MSCSS are the same as
the timers in the peripheral subsystem, but the capture inputs and match outputs are not
available on the device pins. These signals are instead connected to the ADC and PWM
modules as outlined in the description of the MSCSS, see Section 8.7.2.
Table 21.
PWM pins
Symbol
Direction
Description
PWMn CAP[0]
in
PWM n capture input 0
PWMn CAP[1]
in
PWM n capture input 1
PWMn CAP[2]
in
PWM n capture input 2
PWMn MAT[0]
out
PWM n match output 0
PWMn MAT[1]
out
PWM n match output 1
PWMn MAT[2]
out
PWM n match output 2
PWMn MAT[3]
out
PWM n match output 3
PWMn MAT[4]
out
PWM n match output 4
PWMn MAT[5]
out
PWM n match output 5
PWMn TRAP
in
PWM n trap input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com