Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2919 Datasheet HTML 1Page - NXP Semiconductors LPC2919 Datasheet HTML 2Page - NXP Semiconductors LPC2919 Datasheet HTML 3Page - NXP Semiconductors LPC2919 Datasheet HTML 4Page - NXP Semiconductors LPC2919 Datasheet HTML 5Page - NXP Semiconductors LPC2919 Datasheet HTML 6Page - NXP Semiconductors LPC2919 Datasheet HTML 7Page - NXP Semiconductors LPC2919 Datasheet HTML 8Page - NXP Semiconductors LPC2919 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
1.
Introduction
1.1 About this document
This document lists detailed information about the LPC2917/19 device. It focuses on
factual information like pinning, characteristics etc. Short descriptions are used to outline
the concept of the features and functions. More details and background on developing
applications for this device are given in the LPC2917/19 User Manual (see Ref. 1). No
explicit references are made to the User Manual.
1.2 Intended audience
This document is written for engineers evaluating and/or developing systems, hard-
and/or software for the LPC2917/19. Some basic knowledge of ARM processors and
architecture and ARM968E-S in particular is assumed (see Ref. 2).
2.
General description
2.1 Architectural overview
The LPC2917/19 consists of:
• An ARM968E-S processor with real-time emulation support
• An AMBA multi-layer Advanced High-performance Bus (AHB) for interfacing to the
on-chip memory controllers
• Two DTL buses (a universal NXP interface) for interfacing to the interrupt controller
and the Power, Clock and Reset Control cluster (also called subsystem)
• Three VLSI Peripheral Buses (VPB - a compatible superset of ARM's AMBA
advanced peripheral bus) for connection to on-chip peripherals clustered in
subsystems.
The LPC2917/19 configures the ARM968E-S processor in little-endian byte order. All
peripherals run at their own clock frequency to optimize the total system power
consumption. The AHB2VPB bridge used in the subsystems contains a write-ahead buffer
one transaction deep. This implies that when the ARM968E-S issues a buffered write
action to a register located on the VPB side of the bridge, it continues even though the
actual write may not yet have taken place. Completion of a second write to the same
subsystem will not be executed until the first write is finished.
LPC2917/19
ARM9 microcontroller with CAN and LIN
Rev. 1.01 — 15 November 2007
Preliminary data sheet


Similar Part No. - LPC2919

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2919 NXP-LPC2919 Datasheet
411Kb / 86P
ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
LPC2919/01 NXP-LPC2919/01 Datasheet
411Kb / 86P
ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
LPC2919/01 NXP-LPC2919/01 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC2919FBD144/01 NXP-LPC2919FBD144/01 Datasheet
411Kb / 86P
ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
LPC2919FBD144/01 NXP-LPC2919FBD144/01 Datasheet
575Kb / 86P
ARM9 microcontroller with CAN and LIN
Rev. 03 - 9 December 2009
More results

Similar Description - LPC2919

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2927 NXP-LPC2927_10 Datasheet
637Kb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 04-14 April 2010
LPC2930 NXP-LPC2930 Datasheet
670Kb / 98P
ARM9 flashless microcontroller with CAN, LIN, and USB
Rev. 03-16 April 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
logo
Infineon Technologies A...
TLE9879-2QXA40 INFINEON-TLE9879-2QXA40 Datasheet
3Mb / 133P
Microcontroller with LIN and BLDC MOSFET Driver
Rev. 1.0 2018-01-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com