Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC2919 Datasheet HTML 1Page - NXP Semiconductors LPC2919 Datasheet HTML 2Page - NXP Semiconductors LPC2919 Datasheet HTML 3Page - NXP Semiconductors LPC2919 Datasheet HTML 4Page - NXP Semiconductors LPC2919 Datasheet HTML 5Page - NXP Semiconductors LPC2919 Datasheet HTML 6Page - NXP Semiconductors LPC2919 Datasheet HTML 7Page - NXP Semiconductors LPC2919 Datasheet HTML 8Page - NXP Semiconductors LPC2919 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
4 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
Highly configurable system Power Management Unit (PMU),
clock control of individual modules
allows minimization of system operating power consumption in any configuration
Standard ARM test and debug interface with real-time in-circuit emulator
Boundary-scan test supported
Dual power supply:
CPU operating voltage: 1.8 V ± 5%
I/O operating voltage: 2.7 V to 3.6 V; inputs tolerant up to 5.5 V
144-pin LQFP package
−40 °C to 85 °C ambient operating temperature range
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2917FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
× 20 × 1.4 mm, pin
pitch 0.5 mm
SOT486-1
LPC2919FBD144
LQFP144
plastic low profile quad flat package; 144 leads; body 20
× 20 × 1.4 mm, pin
pitch 0.5 mm
SOT486-1
Table 2.
Part options
Type number
Flash memory
(kB)
RAM (kB)
SMC
LIN 2.0
Package
LPC2917FBD144
512
80 (incl TCMs)
32-bit
2
LQFP144
LPC2919FBD144
768
80 (incl TCMs)
32-bit
2
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com