Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC2919 Datasheet HTML 25Page - NXP Semiconductors LPC2919 Datasheet HTML 26Page - NXP Semiconductors LPC2919 Datasheet HTML 27Page - NXP Semiconductors LPC2919 Datasheet HTML 28Page - NXP Semiconductors LPC2919 Datasheet HTML 29Page - NXP Semiconductors LPC2919 Datasheet HTML 30Page - NXP Semiconductors LPC2919 Datasheet HTML 31Page - NXP Semiconductors LPC2919 Datasheet HTML 32Page - NXP Semiconductors LPC2919 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
29 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
8.4.6 General-purpose I/O
8.4.6.1
Overview
The LPC2917/19 contains four general-purpose I/O ports located at different peripheral
base addresses. In the 144-pin package all four ports are available. All I/O pins are
bi-directional, and the direction can be programmed individually. The I/O pad behavior
depends on the configuration programmed in the port function-select registers.
The key features are:
• General-purpose parallel inputs and outputs
• Direction control of individual bits
• Synchronized input sampling for stable input-data values
• All I/O defaults to input at reset to avoid any possible bus conflicts
8.4.6.2
Description
The general-purpose I/O provides individual control over each bi-directional port pin.
There are two registers to control I/O direction and output level. The inputs are
synchronized to achieve stable read-levels.
To generate an open-drain output, set the bit in the output register to the desired value.
Use the direction register to control the signal. When set to output, the output driver
actively drives the value on the output: when set to input the signal floats and can be
pulled up internally or externally.
8.4.6.3
GPIO pin description
The five GPIO ports in the LPC2917/19 have the pins listed below. The GPIO pins are
combined with other functions on the port pins of the LPC2917/19. Table 17 shows the
GPIO pins.
8.4.6.4
GPIO clock description
The GPIO modules are clocked by several clocks, all of which are derived from
BASE_SYS_CLK; CLK_SYS_PESS and CLK_SYS_GPIOx (x = 0-3), see Section 7.2.2.
Note that each GPIO has its own CLK__SYS_GPIOx branch clock for power
management. The frequency of all clocks CLK_SYS_GPIOx is identical to
CLK_SYS_PESS since they are derived from the same base clock BASE_SYS_CLK.
Table 17.
GPIO pins
Symbol
Direction
Description
GPIO0 pin[31:0]
in/out
GPIO port x pins 31 to 0
GPIO1 pin[31:0]
in/out
GPIO port x pins 31 to 0
GPIO2 pin[27:0]
in/out
GPIO port x pins 27 to 0
GPIO3 pin[15:0]
in/out
GPIO port x pins 15 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com