Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2919 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC2919
Description  ARM9 microcontroller with CAN and LIN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2919 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC2919 Datasheet HTML 18Page - NXP Semiconductors LPC2919 Datasheet HTML 19Page - NXP Semiconductors LPC2919 Datasheet HTML 20Page - NXP Semiconductors LPC2919 Datasheet HTML 21Page - NXP Semiconductors LPC2919 Datasheet HTML 22Page - NXP Semiconductors LPC2919 Datasheet HTML 23Page - NXP Semiconductors LPC2919 Datasheet HTML 24Page - NXP Semiconductors LPC2919 Datasheet HTML 25Page - NXP Semiconductors LPC2919 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
LPC2917_19_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 1.01 — 15 November 2007
22 of 68
NXP Semiconductors
LPC2917/19
ARM9 microcontroller with CAN and LIN
8.3 General subsystem
8.3.1 General subsystem clock description
The general subsystem is clocked by CLK_SYS_GESS, see Section 7.2.2.
8.3.2 Chip and feature identification
8.3.2.1
Overview
The key features are:
• Identification of product
• Identification of features enabled
8.3.2.2
Description
The Chip/Feature ID (CFID) module contains registers which show and control the
functionality of the chip. It contains an ID to identify the silicon, and also registers
containing information about the features enabled or disabled on the chip.
8.3.2.3
CFID pin description
The CFID has no external pins.
8.3.3 System Control Unit (SCU)
8.3.3.1
Overview
The system control unit takes care of system-related functions.The key feature is
configuration of the I/O port-pins multiplexer.
8.3.3.2
Description
The system control unit defines the function of each I/O pin of the LPC2917/19. The I/O
pin configuration should be consistent with peripheral function usage.
8.3.3.3
SCU pin description
The SCU has no external pins.
8.3.4 Event router
8.3.4.1
Overview
The event router provides bus-controlled routing of input events to the vectored interrupt
controller for use as interrupt or wake-up signals.
Key features:
• Up to 24 level-sensitive external interrupt pins, including CAN, LIN and RxD wake-up
features plus three internal event sources
• Input events can be used as interrupt source either directly or latched (edge-detected)
• Direct events disappear when the event becomes inactive
• Latched events remain active until they are explicitly cleared
• Programmable input level and edge polarity
• Event detection maskable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com