Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1609APT.B Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM1609APT.B
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1609APT.B Datasheet HTML 17Page - Texas Instruments PCM1609APT.B Datasheet HTML 18Page - Texas Instruments PCM1609APT.B Datasheet HTML 19Page - Texas Instruments PCM1609APT.B Datasheet HTML 20Page - Texas Instruments PCM1609APT.B Datasheet HTML 21Page - Texas Instruments PCM1609APT.B Datasheet HTML 22Page - Texas Instruments PCM1609APT.B Datasheet HTML 23Page - Texas Instruments PCM1609APT.B Datasheet HTML 24Page - Texas Instruments PCM1609APT.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
www.ti.com
Reserved Registers
Register Map
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
Registers 00h and 0Dh through 0Fh are reserved for factory use. To ensure proper operation, the user should
not write to or read from these registers.
The mode control register map is shown in Table 4. Each register includes an R/W bit that determines whether a
register read (R/W = 1) or write (R/W = 0) operation is performed. Each register also includes an index (or
address) indicated by the IDX[6:0] bits.
Table 4. Mode Control Register Map
IDX
(B14
REG
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
–
B8)
01h
1
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
02h
2
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
03h
3
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT37
AT36
AT35
AT34
AT33
AT32
AT31
AT30
04h
4
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT47
AT46
AT45
AT44
AT43
AT42
AT41
AT40
05h
5
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT57
AT56
AT55
AT54
AT53
AT52
AT51
AT50
06h
6
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT67
AT66
AT65
AT64
AT63
AT62
AT61
AT60
07h
7
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1)
MUT6
MUT5
MUT4
MUT3
MUT2
MUT1
08h
8
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1)
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
09h
9
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1)
FLT
CLKD
CLKE
FMT2
FMT1
FMT0
0Ah
10
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
ZREV
DREV
DMF1
DMF0
DMC
DMC
DMC
0Bh
11
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
INC
REG6
REG5
REG4
REG3
REG2
REG1
REG0
0Ch
12
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
OVER
GPOE
GPO6
GPO5
GPO4
GPO3
GPO2
GPO1
10h
16
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT77
AT76
AT75
AT74
AT73
AT72
AT71
AT70
11h
17
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT87
AT86
AT85
AT84
AT83
AT82
AT81
AT80
12h
18
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1)
RSV(1)
RSV(1)
RSV(1)
RSV(1)
MUT8
MUT7
13h
19
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV(1)
RSV(1)
RSV(1)
RSV(1)
RSV(1)
RSV(1)
DAC8
DAC7
(1)
Reserved for test operation. It should be set to 0 during normal operation.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com