Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1609APT.B Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM1609APT.B
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT.B Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM1609APT.B Datasheet HTML 26Page - Texas Instruments PCM1609APT.B Datasheet HTML 27Page - Texas Instruments PCM1609APT.B Datasheet HTML 28Page - Texas Instruments PCM1609APT.B Datasheet HTML 29Page - Texas Instruments PCM1609APT.B Datasheet HTML 30Page - Texas Instruments PCM1609APT.B Datasheet HTML 31Page - Texas Instruments PCM1609APT.B Datasheet HTML 32Page - Texas Instruments PCM1609APT.B Datasheet HTML 33Page - Texas Instruments PCM1609APT.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
www.ti.com
ZERO FLAG
ZERO-DETECT CONDITION
ZERO OUTPUT FLAGS
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
Zero detection for each output channel is independent from the others. If the data for a given channel remains at
a 0 level for 1024 sample periods (or LRCK clock periods), a zero-detect condition exists for that channel.
Given that a zero-detect condition exists for one or more channels, the zero-flag pins for those channels are set
to a logic-1 state. Each channel, ZERO1 through ZERO6 (pins 1 through 6), ZERO7 (pin 30), and ZERO8 (pin
32), has zero-flag pins. In addition, all eight zero flags are logically ANDed together, and the result is provided at
the ZEROA pin (pin 48), which is set to a logic-1 state when all channels indicate a zero-detect condition. The
zero-flag pins can be used to operate external mute circuits. ZERO1 through ZERO6 can be used as status
indicators for a microcontroller, audio signal processor, or other digitally controlled function.
The active polarity of the zero-flag output can be inverted by setting to 1 the ZREV bit of control register 10. The
reset default is active-high output, or ZREV = 0.
30
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com