Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1609APT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1609APT.B
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT.B Datasheet(HTML) 1 Page - Texas Instruments

  PCM1609APT.B Datasheet HTML 1Page - Texas Instruments PCM1609APT.B Datasheet HTML 2Page - Texas Instruments PCM1609APT.B Datasheet HTML 3Page - Texas Instruments PCM1609APT.B Datasheet HTML 4Page - Texas Instruments PCM1609APT.B Datasheet HTML 5Page - Texas Instruments PCM1609APT.B Datasheet HTML 6Page - Texas Instruments PCM1609APT.B Datasheet HTML 7Page - Texas Instruments PCM1609APT.B Datasheet HTML 8Page - Texas Instruments PCM1609APT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL
DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
• Integrated A/V Receivers
23
• 24-Bit Resolution
• DVD Movie and Audio Players
• Analog Performance
• HDTV Receivers
–
Dynamic Range: 105 dB Typical
• Car Audio Systems
–
SNR: 105 dB Typical
• DVD Add-On Cards for High-End PCs
–
THD+N: 0.002% Typical
• Digital Audio Workstations
–
Full-Scale Output: 3.1 Vp-p, Typical
• Other Multichannel Audio Systems
• 4×/8× Oversampling Interpolation Filter
–
Stop-Band Attenuation: –55 dB
–
Pass-Band Ripple: ±0.03 dB
The PCM1609A is a CMOS, monolithic integrated
• Sampling Frequency: 5 kHz to 200 kHz
circuit that features eight 24-bit audio digital-to-analog
converters (DACs) and support circuitry in a small
• Accepts 16-, 18-, 20-, and 24-Bit Audio Data
LQFP-48 package. The DACs use Texas Instruments
• Data Formats: Standard, I2S, and Left-Justified
(TI) enhanced multilevel delta-sigma architecture that
• System Clock: 128 f
S, 192 fS, 256 fS, 384 fS,
employs fourth-order noise shaping and 8-level
512 fS, or 768 fS
amplitude
quantization
to
achieve
excellent
signal-to-noise performance and a high tolerance to
• User-Programmable Functions
clock jitter.
–
Digital Attenuation: 0 dB to –63 dB,
The PCM1609A accepts industry-standard audio data
0.5 dB/Step
formats with 16- to 24-bit audio data. Sampling rates
–
Soft Mute
up
to
200
kHz
are
supported.
A
full
set
of
–
Zero Flags Can Be Used as
user-programmable functions is accessible through a
General-Purpose Logic Output
4-wire serial control port that supports register write
and read functions.
–
Digital De-Emphasis
–
Digital Filter Rolloff: Sharp or Slow
• Dual-Supply Operation
–
5-V Analog
–
3.3-V Digital
• 5-V Tolerant Digital Logic Inputs
• Package: LQFP-48
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FilterPro is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1609APT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1609APT TI-PCM1609APT Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1609APTG4 TI-PCM1609APTG4 Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1609APTR TI-PCM1609APTR Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1609APTRG4 TI-PCM1609APTRG4 Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1609APT.B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com