Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1609APT.B Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM1609APT.B
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM1609APT.B Datasheet HTML 25Page - Texas Instruments PCM1609APT.B Datasheet HTML 26Page - Texas Instruments PCM1609APT.B Datasheet HTML 27Page - Texas Instruments PCM1609APT.B Datasheet HTML 28Page - Texas Instruments PCM1609APT.B Datasheet HTML 29Page - Texas Instruments PCM1609APT.B Datasheet HTML 30Page - Texas Instruments PCM1609APT.B Datasheet HTML 31Page - Texas Instruments PCM1609APT.B Datasheet HTML 32Page - Texas Instruments PCM1609APT.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
www.ti.com
ANALOG OUTPUTS
f − Frequency − Hz
−100
−80
−60
−40
−20
0
20
1
100
1k
10M
G019
10
10k
100k
1M
VCOM OUTPUT
–
VCOM
OPA337
+
10
µF
+
PCM1609A
S0054-04
15
4
3
1
V
BIAS +
V
CC
2
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
The PCM1609A includes eight independent output channels, VOUT1 through VOUT8. These are unbalanced
outputs, each capable of driving 3.1 Vp-p typical into a 5-k
Ω ac load with VCC = 5 V. The internal output
amplifiers for VOUT1 through VOUT8 are dc biased to the common-mode (or bipolar zero) voltage, equal to VCC/2.
The output amplifiers include an RC continuous-time filter, which helps to reduce the out-of-band noise energy
present at the DAC outputs due to the noise-shaping characteristics of the PCM1609A delta-sigma DACs. The
frequency response of this filter is shown in Figure 28. By itself, this filter is not enough to attenuate the
out-of-band noise to an acceptable level for most applications. An external low-pass filter is required to provide
sufficient out-of-band noise rejection. Further discussion of DAC post-filter circuits is provided in the Application
Information section of this data sheet.
Figure 28. Output-Filter Frequency Response
One unbuffered common-mode voltage output pin, VCOM (pin 15), is brought out for decoupling purposes. This
pin is nominally biased to a dc voltage level equal to VCC/2. If this pin is to be used to bias external circuitry, a
voltage follower is required for buffering purposes. Figure 29 shows an example of using the VCOM pin for
external biasing applications.
Figure 29. Biasing External Circuits Using VCOM Pin
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com