Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1609APT.B Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM1609APT.B
Description  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM1609APT.B Datasheet HTML 18Page - Texas Instruments PCM1609APT.B Datasheet HTML 19Page - Texas Instruments PCM1609APT.B Datasheet HTML 20Page - Texas Instruments PCM1609APT.B Datasheet HTML 21Page - Texas Instruments PCM1609APT.B Datasheet HTML 22Page - Texas Instruments PCM1609APT.B Datasheet HTML 23Page - Texas Instruments PCM1609APT.B Datasheet HTML 24Page - Texas Instruments PCM1609APT.B Datasheet HTML 25Page - Texas Instruments PCM1609APT.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
www.ti.com
REGISTER DEFINITIONS
PCM1609A
SLES145B – AUGUST 2005 – REVISED MARCH 2008
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 1
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
REGISTER 2
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
REGISTER 3
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT37
AT36
AT35
AT34
AT33
AT32
AT31
AT30
REGISTER 4
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT47
AT46
AT45
AT44
AT43
AT42
AT41
AT40
REGISTER 5
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT57
AT56
AT55
AT54
AT53
AT52
AT51
AT50
REGISTER 6
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT67
AT66
AT65
AT64
AT63
AT62
AT61
AT60
REGISTER 16
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT77
AT76
AT75
AT74
AT73
AT72
AT71
AT70
REGISTER 17
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT87
AT86
AT85
AT84
AT83
AT82
AT81
AT80
R/W – Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
ATx[7:0] – Digital Attenuation Level Setting
Where x = 1 through 8, corresponding to the DAC output VOUTx.
These bits are read/write.
Default value: 1111 1111b
Each DAC output, VOUT1 through VOUT8, includes a digital attenuator function. The attenuation level can be set
from 0 dB to –63 dB in 0.5-dB steps. Changes in attenuation levels are made by incrementing or decrementing
by one step (0.5 dB) for every 8/fS time interval until the programmed attenuator setting is reached. Alternatively,
the attenuation level can be set to infinite attenuation, or mute.
The attenuation level is calculated using the following formula:
Attenuation level (dB) = 0.5 (ATx[7:0]DEC – 255)
Where ATx[7:0]DEC = 0 through 255.
For ATx[7:0]DEC = 0 through 128, the attenuator is set to infinite attenuation.
The following table shows attenuation levels for various settings.
ATx[7:0]
DECIMAL VALUE
ATTENUATOR LEVEL SETTING
1111 1111b
255
0 dB, no attenuation (default)
1111 1110b
254
–0.5 dB
1111 1101b
253
–1 dB
:
:
:
1000 0011b
131
–62 dB
1000 0010b
130
–62.5 dB
1000 0001b
129
–63 dB
1000 0000b
128
Mute
:
:
:
0000 0000b
0
Mute
22
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1609A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com