Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3002E/2K.B Datasheet(PDF) 27 Page - Texas Instruments

Part # PCM3002E/2K.B
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3002E/2K.B Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM3002E/2K.B Datasheet HTML 23Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 24Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 25Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 26Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 27Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 28Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 29Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 30Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
www.ti.com
MAPPING OF PROGRAM REGISTERS
SOFTWARE CONTROL (PCM3002)
PROGRAM REGISTER 0
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 0
res
res
res
res
res
A1
A0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
REGISTER 1
res
res
res
res
res
A1
A0
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
REGISTER 2
res
res
res
res
res
A1
A0
PDAD
BYPS
PDDA
ATC
IZD
OUT
DEM1 DEM0
MUT
REGISTER 3
res
res
res
res
res
A1
A0
res
res
res
LOP
res
FMT1
FMT0
LRP
res
NOTE: res indicates a reserved bit that should be set to 0.
The PCM3002 special functions are controlled using four program registers which are each 16 bits long. There
are four distinct registers, with bits 9 and 10 determining which register is in use. Table 3 describes the functions
of the four registers.
Table 3. Functions of the Registers
REGISTER NAME
REGISTER BIT(S)
BIT NAME
DESCRIPTION
Register 0
15–11
res
Reserved, should be set to 0
10–9
A[1:0]
Register address 00
8
LDL
DAC attenuation data load control for
Lch
7–0
AL[7:0]
DAC attenuation data for Lch
Register 1
15–11
res
Reserved, should be set to 0
10–9
A[1:0]
Register address 01
8
LDR
DAC attenuation data load control for
Rch
7–0
AR[7:0]
DAC attenuation data for Rch
Register 2
15–11
res
Reserved, should be set to 0
10–9
A[1:0]
Register address 10
8
PDAD
ADC power-down control
7
BYPS
ADC high-pass filter bypass control
6
PDDA
DAC power-down control
5
ATC
DAC attenuation data mode control
4
IZD
DAC infinite zero detection and mute
control
3
OUT
DAC output enable control
2–1
DEM[1:0]
DAC de-emphasis control
0
MUT
DAC Lch and Rch soft mute control
Register 3
15–11
res
Reserved, should be set to 0
10–9
A[1:0]
Register address 11
8–6
res
Reserved, should be set to 0
5
LOP
ADC/DAC digital loopback control
4
res
Reserved, should be set to 0
3–2
FMT[1:0]
ADC/DAC audio data format selection
1
LRP
ADC/DAC polarity of LR-clock selection
0
res
Reserved, should be set to 0
res:
Bits 15–11: Reserved
These bits are reserved and should be set to 0.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com