Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3002E/2K.B Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM3002E/2K.B
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3002E/2K.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM3002E/2K.B Datasheet HTML 2Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 3Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 4Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 5Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 6Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 7Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 8Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 9Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
www.ti.com
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
PIN ASSIGNMENTS—PCM3002 (continued)
NAME
PIN
I/O
DESCRIPTION
VINL
6
I
ADC analog input, Lch
VINR
3
I
ADC analog input, Rch
VOUTL
19
O
DAC analog output, Lch
VOUTR
20
O
DAC analog output, Rch
VREF1
4
–
ADC reference 1
VREF2
5
–
ADC reference 2
ZFLG
16
O
Zero flag output, active LOW(3)
(3)
Open-drain output
PIN ASSIGNMENTS—PCM3003
NAME
PIN
I/O
DESCRIPTION
AGND1
23
–
ADC analog ground
AGND2
22
–
DAC analog ground
BCKIN
11
I
Bit clock input(1)
DEM0
18
I
De-emphasis control 0(1)(2)
DEM1
17
I
De-emphasis control 1(1)(2)
DGND
13
–
Digital ground
DIN
15
I
Data input(1)
DOUT
12
O
Data output
LRCIN
10
I
Sample rate clock input (fs)(1)
PDAD
7
I
ADC power down, active LOW(1)(2)
PDDA
8
I
DAC power down, active LOW(1)(2)
SYSCLK
9
I
System clock input(1)
VCC1
1, 2
–
ADC analog power supply
VCC2
24
–
DAC analog power supply
VCOM
21
–
ADC/DAC common
VDD
14
–
Digital power supply
VINL
6
I
ADC analog input, Lch
VINR
3
I
ADC analog input, Rch
VOUTL
19
O
DAC analog output, Lch
VOUTR
20
O
DAC analog output, Rch
VREF1
4
–
ADC reference 1
VREF2
5
–
ADC reference 2
20BIT
16
I
20-bit format select(1)(2)
(1)
Schmitt-trigger input
(2)
With 100-k
Ω typical internal pulldown resistor
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com