Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3002E/2K.B Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM3002E/2K.B
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3002E/2K.B Datasheet(HTML) 3 Page - Texas Instruments

  PCM3002E/2K.B Datasheet HTML 1Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 2Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 3Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 4Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 5Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 6Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 7Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 8Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
www.ti.com
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VDD = VCC = 3 V, fS = 44.1 kHz, SYSCLK = 384 fS, and 16-bit data, unless otherwise noted
PCM3002E/3003E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Filter Performance
Pass band
0.454 fS
Hz
Stop band
0.583 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
Delay time
17.4/fS
s
HPF frequency response
–3 dB
0.019 fS
mHz
Analog Input
Voltage range
0.6 VCC
Vp-p
Center voltage
0.5 VCC
VDC
Input impedance
30
k
Ω
Antialiasing filter frequency
–3 dB
150
kHz
response
DAC CHARACTERISTICS
Resolution
20
Bits
DC Accuracy
Gain mismatch, channel-
±1
±3
% of FSR
to-channel
Gain error
±1
±5
% of FSR
Gain drift
±20
ppm of FSR/
°C
Bipolar zero error
±2.5
% of FSR
Bipolar zero drift
±20
ppm of FSR/
°C
Dynamic Performance(9)
VOUT = 0 dB (full scale)
–86
–80
THD+N
dB
VOUT = –60 dB
–32
Dynamic range
EIAJ, A-weighted
88
94
dB
Signal-to-noise ratio
EIAJ, A-weighted
88
94
dB
Channel separation
86
91
dB
Digital Filter Performance
Pass band
0.445 fS
Hz
Stop band
0.555 fS
Hz
Pass-band ripple
±0.17
dB
Stop-band attenuation
–35
dB
Delay time
11.1/fS
s
Analog Output
Voltage range
0.6 VCC
Vp-p
Center voltage
0.5 VCC
VDC
Load impedance
AC coupling
10
k
Ω
LPF frequency response
f = 20 kHz
–0.16
dB
(9)
fOUT = 1 kHz, using the System Two audio measurement system by Audio Precision in rms mode with 20-kHz LPF, 400-Hz HPF used
for performance calculation.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com