Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3002E/2K.B Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM3002E/2K.B
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3002E/2K.B Datasheet(HTML) 4 Page - Texas Instruments

  PCM3002E/2K.B Datasheet HTML 1Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 2Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 3Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 4Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 5Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 6Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 7Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 8Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VDD = VCC = 3 V, fS = 44.1 kHz, SYSCLK = 384 fS, and 16-bit data, unless otherwise noted
PCM3002E/3003E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY REQUIREMENTS
–25
°C to 85°C
2.7
3
3.6
VDC
VCC, VDD
Supply voltage
0
° C to 70°C(10)
2.4
3
3.6
VDC
Operation, VCC = VDD = 3 V
18
24
mA
Supply current
Power down, VCC = VDD = 3 V
50
µA
Operation, VCC = VDD = 3 V
54
72
mW
Power dissipation
Power down(11), VCC = VDD =
150
µW
3 V
TEMPERATURE RANGE
TA
Operation
–25
85
°C
Tstg
Storage
–55
125
°C
θ
JA
Thermal resistance
100
°C/W
(10) Applies for voltages between 2.4 V and 2.7 V for 0
°C to 70°C and 256 f
S/512 fS operation (384 fS not available)
(11) SYSCLK, BCKIN, and LRCIN are stopped.
PACKAGE/ORDERING INFORMATION
PACKAGE
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
QUANTITY
TYPE
CODE
MARKING
NUMBER
MEDIA
PCM3002E
Rails
58
PCM3002E
24-pin SSOP
DB
PCM3002E
PCM3002E/2K
Tape and reel
2000
PCM3003E
Rails
58
PCM3003E
24-pin SSOP
DB
PCM3003E
PCM3003E/2K
Tape and reel
2000
Supply voltage VDD, VCC1, VCC2
–0.3 V to 6.5 V
Supply voltage differences
±0.1 V
GND voltage differences
±0.1 V
Digital input voltage
–0.3 V to VDD + 0.3 V, < 6.5 V
Analog input voltage
–0.3 V to VCC1, VCC2 + 0.3 V, < 6.5 V
Power dissipation
300 mW
Input current (any pins except supplies)
±10 mA
Operating temperature
–25
°C to 85°C
Storage temperature
–55
°C to 125°C
Lead temperature, soldering
260
°C, 5 s
Package temperature (IR reflow, peak)
235
°C
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com