Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3002E/2K.B Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM3002E/2K.B
Description  16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3002E/2K.B Datasheet(HTML) 5 Page - Texas Instruments

  PCM3002E/2K.B Datasheet HTML 1Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 2Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 3Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 4Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 5Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 6Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 7Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 8Page - Texas Instruments PCM3002E/2K.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC1
VCC1
VINR
VREF1
VREF2
VINL
RST
ML
SYSCLK
LRCIN
BCKIN
DOUT
VCC2
AGND1
AGND2
VCOM
VOUTR
VOUTL
MC
MD
ZFLG
DIN
VDD
DGND
PCM3002
(TOP VIEW)
P0004-02
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VCC1
VCC1
VINR
VREF1
VREF2
VINL
PDAD
PDDA
SYSCLK
LRCIN
BCKIN
DOUT
VCC2
AGND1
AGND2
VCOM
VOUTR
VOUTL
DEM0
DEM1
20BIT
DIN
VDD
DGND
PCM3003
(TOP VIEW)
PCM3002
PCM3003
SBAS079A – OCTOBER 2000 – REVISED OCTOBER 2004
over operating free-air temperature range
MIN
NOM
MAX
UNIT
Analog supply voltage, VCC1, VCC2
2.7
3
3.6
V
Digital supply voltage, VDD
2.7
3
3.6
V
Analog input voltage, full scale (–0 dB)
VCC = 3 V
1.8
Vp-p
Digital input logic family
CMOS
System clock
8.192
24.576
MHz
Digital input clock frequency
Sampling clock
32
48
kHz
Analog output load resistance
10
k
Ω
Analog output load capacitance
30
pF
Digital output load capacitance
10
pF
Operating free-air temperature, TA
–25
85
°C
PIN ASSIGNMENTS—PCM3002
NAME
PIN
I/O
DESCRIPTION
AGND1
23
–
ADC analog ground
AGND2
22
–
DAC analog ground
BCKIN
11
I
Bit clock input(1)
DGND
13
–
Digital ground
DIN
15
I
Data input(1)
DOUT
12
O
Data output
LRCIN
10
I
Sample rate clock input (fs)(1)
MC
18
I
Bit clock for mode control(1)(2)
MD
17
I
Serial data for mode control(1)(2)
ML
8
I
Strobe pulse for mode control(1)(2)
RST
7
I
Reset, active LOW(1)(2)
SYSCLK
9
I
System clock input(1)
VCC1
1, 2
–
ADC analog power supply
VCC2
24
–
DAC analog power supply
VCOM
21
–
ADC/DAC common
VDD
14
–
Digital power supply
(1)
Schmitt-trigger input
(2)
With 100-k
Ω typical internal pulldown resistor
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com