Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5422BCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5422BCZ
Description  Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5422BCZ Datasheet(HTML) 3 Page - Analog Devices

  ADRF5422BCZ Datasheet HTML 1Page - Analog Devices ADRF5422BCZ Datasheet HTML 2Page - Analog Devices ADRF5422BCZ Datasheet HTML 3Page - Analog Devices ADRF5422BCZ Datasheet HTML 4Page - Analog Devices ADRF5422BCZ Datasheet HTML 5Page - Analog Devices ADRF5422BCZ Datasheet HTML 6Page - Analog Devices ADRF5422BCZ Datasheet HTML 7Page - Analog Devices ADRF5422BCZ Datasheet HTML 8Page - Analog Devices ADRF5422BCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADRF5422
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 13
VDD = 3.3 V, VSS = −3.3 V, VCTRL and VEN = 0 V or VDD, TCASE = 25°C, and 50 Ω system, unless otherwise noted. RFx refers to RF1 or RF2.
Table 1. Electrical Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.1
55
GHz
INSERTION LOSS
Between RFC and RFx (On)
100 MHz to 18 GHz
1.3
dB
18 GHz to 26 GHz
1.5
dB
26 GHz to 40 GHz
1.9
dB
40 GHz to 50 GHz
2.5
dB
50 GHz to 55 GHz
3.6
dB
RETURN LOSS
RFC
100 MHz to 26 GHz
20
dB
26 GHz to 50 GHz
15
dB
50 GHz to 55 GHz
11
dB
RFx (On)
100 MHz to 26 GHz
20
dB
26 GHz to 40 GHz
15
dB
40 GHz to 50 GHz
13
dB
50 GHz to 55 GHz
10
dB
RFx (Off)
100 MHz to 40 GHz
20
dB
40 GHz to 50 GHz
10
dB
50 GHz to 55 GHz
8
dB
ISOLATION
Between RFC and RFx (Off)
100 MHz to 26 GHz
58
dB
26 GHz to 40 GHz
43
dB
40 GHz to 50 GHz
42
dB
50 GHz to 55 GHz
38
dB
Between RF1 and RF2
100 MHz to 18 GHz
57
dB
18 GHz to 26 GHz
50
dB
26 GHz to 40 GHz
43
dB
40 GHz to 50 GHz
40
dB
50 GHz to 55 GHz
40
dB
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
tRISE and
tFALL
10% to 90% of RF output (RFOUT)
3
ns
On Time and Off Time
tON and tOFF 50% VCTRL to 90% of RFOUT
20
ns
0.1 dB RF Settling Time
50% VCTRL to 0.1 dB of final RFOUT
30
ns
INPUT LINEARITY1
f = 100 MHz to 40 GHz
0.1 dB Power Compression
P0.1dB
31
dBm
Input Third-Order Intercept
IIP3
Two-tone input power = 14 dBm each tone and Δf = 1
MHz
53
dBm
SUPPLY CURRENT
VDD and VSS pads
Positive Supply Current
IDD
140
µA
Negative Supply Current
ISS
510
µA
DIGITAL CONTROL INPUTS
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
CTRL
<1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com