Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5422BCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5422BCZ
Description  Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5422BCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5422BCZ Datasheet HTML 3Page - Analog Devices ADRF5422BCZ Datasheet HTML 4Page - Analog Devices ADRF5422BCZ Datasheet HTML 5Page - Analog Devices ADRF5422BCZ Datasheet HTML 6Page - Analog Devices ADRF5422BCZ Datasheet HTML 7Page - Analog Devices ADRF5422BCZ Datasheet HTML 8Page - Analog Devices ADRF5422BCZ Datasheet HTML 9Page - Analog Devices ADRF5422BCZ Datasheet HTML 10Page - Analog Devices ADRF5422BCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
ADRF5422
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 13
Figure 4. Pad Configuration
Table 6. Pad Function Descriptions
Pad Number
Mnemonic
Description
1, 3, 4, 9, 10, 12, 13, 15
GND
Ground. Bonding of these GND pads is optional. See the Applications Information section.
14
RFC
RF Common Port. The RFC pad is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is
required when the RF line potential is equal to 0 V DC. For the interface schematic, see Figure 5.
2
RF1
RF Throw Port 1. The RF1 pad is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is
required when the RF line potential is equal to 0 V DC. For the interface schematic, see Figure 5.
5
VDD
Positive Supply Voltage. For the interface schematic, see Figure 6.
6
CTRL
Control Input Voltage. For the interface schematic, see Figure 8.
7
EN
Enable Input Voltage. For the interface schematic, see Figure 9.
8
VSS
Negative Supply Voltage. For the interface schematic, see Figure 7.
11
RF2
RF Throw Port 2. The RF2 pad is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is
required when the RF line potential is equal to 0 V DC. For the interface schematic, see Figure 5.
Carrier Bottom
Exposed Pad. The exposed pad must be connected to the RF and DC ground of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com