Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5422BCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5422BCZ
Description  Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5422BCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5422BCZ Datasheet HTML 5Page - Analog Devices ADRF5422BCZ Datasheet HTML 6Page - Analog Devices ADRF5422BCZ Datasheet HTML 7Page - Analog Devices ADRF5422BCZ Datasheet HTML 8Page - Analog Devices ADRF5422BCZ Datasheet HTML 9Page - Analog Devices ADRF5422BCZ Datasheet HTML 10Page - Analog Devices ADRF5422BCZ Datasheet HTML 11Page - Analog Devices ADRF5422BCZ Datasheet HTML 12Page - Analog Devices ADRF5422BCZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
ADRF5422
THEORY OF OPERATION
analog.com
Rev. 0 | 11 of 13
The ADRF5422 integrates a driver to perform logic function inter-
nally and to provide the advantage of a simplified control interface.
The driver features two digital control input pads (CTRL and EN),
see Table 7. The CTRL pad determines which RF port is in insertion
loss state and which RF port is in isolation state. When the EN pad
is logic high, the switch is in an all-off state regardless of the logic
state of the CTRL pad. Both the RF1 to RFC path and the RF2
to RFC path are in an isolation state. The RF1 and RF2 ports are
terminated to internal 50 Ω resistors, and the RFC port becomes
reflective.
POWER SUPPLY
The ADRF5422 requires a positive supply voltage applied to the
VDD pad and a negative supply voltage applied to the VSS pad.
Bypassing capacitors are recommended on the supply lines to filter
high frequency noise.
The power-up sequence is as follows:
1. Connect GND.
2. Power up the VDD and VSS voltages. Power up VSS after VDD to
avoid current transients on VDD during ramp up.
3. Power up the digital control inputs. The order of the digital
control inputs is not important. However, powering the digital
control inputs before the VDD voltage supply can inadvertently
forward bias and damage the internal ESD structures. To avoid
this damage, use a series 1 kΩ resistor to limit the current
flowing into the control pad. Use pull-up or pull-down resistors if
the controller output is in a high impedance state after the VDD
voltage is powered up and the control pads are not driven to a
valid logic state.
4. Apply RF signal.
The power-down sequence is the reverse order of the power-up
sequence.
Single-Supply Operation
The ADRF5422 can operate with a single positive supply voltage
applied to the VDD, and the VSS pad is connected to ground.
However, some performance differences occur in switching charac-
teristics and large signal. For more details, see Table 2.
RF INPUT AND OUTPUT
All of the RF ports (RFC, RF1, and RF2) are DC-coupled to 0 V,
and no DC blocking is required at the RF ports when the RF line
potential is equal to 0 V.
The RF ports are internally matched to 50 Ω. Therefore, external
matching networks are not required.
The insertion loss path conducts the RF signal between the select-
ed RF throw port and the RF common port. The isolation path
provides high loss between the insertion loss path and the unselect-
ed RF throw port that is terminated to an internal 50 Ω resistor.
The switch design is bidirectional with equal power handling capa-
bilities. The RF input signal can be applied to the RFC port or the
selected RF throw port.
Table 7. Control Voltage Truth Table
Digital Control Inputs
RF Paths
EN
CTRL
RF1 to RFC
RF2 to RFC
Low
Low
Isolation (off)
Insertion loss (on)
Low
High
Insertion loss (on)
Isolation (off)
High
Low
Isolation (off)
Isolation (off)
High
High
Isolation (off)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com