Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5422BCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5422BCZ
Description  Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5422BCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5422BCZ Datasheet HTML 5Page - Analog Devices ADRF5422BCZ Datasheet HTML 6Page - Analog Devices ADRF5422BCZ Datasheet HTML 7Page - Analog Devices ADRF5422BCZ Datasheet HTML 8Page - Analog Devices ADRF5422BCZ Datasheet HTML 9Page - Analog Devices ADRF5422BCZ Datasheet HTML 10Page - Analog Devices ADRF5422BCZ Datasheet HTML 11Page - Analog Devices ADRF5422BCZ Datasheet HTML 12Page - Analog Devices ADRF5422BCZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
ADRF5422
OUTLINE DIMENSIONS
Trademarks and registered trademarks are the property of their
respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 13 of 13
TOP VIEW
SIDE VIEW
0.102
GaAs Carrier
Silicon Die
Silicon Die
0.183 × 0.163
(Pads 4-9 and 13-15)
0.163 × 0.183
(Pads 1-3 and 10-12)
3
4
5
6
7
8
9
2
1
10
11
12
15
14
13
0.422
REF
0.445
REF
1.045
1.045
REF
0.3375
0.3375
0.209
1.022
0.3375
0.3375
0.352
3.046
3.021
2.996
2.330
2.305
2.280
2.16
2.13
2.10
0.445
0.425
0.405
1.47
1.44
1.41
Figure 21. 15-Pad Bare Die [CHIP]
(C-15-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADRF5422BCZ
−40°C to +105°C
15-Pad Bare Die [CHIP]
C-15-2
ADRF5422BCZ-GP
−40°C to +105°C
15-Pad Bare Die [CHIP]
C-15-2
ADRF5422BCZ-SX
−40°C to +105°C
15-Pad Bare Die [CHIP]
C-15-2
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com