Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5422BCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5422BCZ
Description  Die on Carrier, Silicon SPDT Switch, Nonreflective, 100 MHz to 55 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5422BCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5422BCZ Datasheet HTML 5Page - Analog Devices ADRF5422BCZ Datasheet HTML 6Page - Analog Devices ADRF5422BCZ Datasheet HTML 7Page - Analog Devices ADRF5422BCZ Datasheet HTML 8Page - Analog Devices ADRF5422BCZ Datasheet HTML 9Page - Analog Devices ADRF5422BCZ Datasheet HTML 10Page - Analog Devices ADRF5422BCZ Datasheet HTML 11Page - Analog Devices ADRF5422BCZ Datasheet HTML 12Page - Analog Devices ADRF5422BCZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Data Sheet
ADRF5422
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 12 of 13
DIE ASSEMBLY
An assembly diagram of the ADRF5422 is shown in Figure 18.
Figure 18. Die Assembly Diagram
The ADRF5422 is designed to have the optimum RF input and
output impedance match with 3 mil × 0.5 mil gold ribbon wire and 3
mil loop height typical. The bonding diagrams are shown in
Figure 19 and Figure 20. Alternatively, using multiple wire bonds
with equivalent inductance yields similar performance. For RF rout-
ing from the device, coplanar wave guide or microstrip transmission
lines can be used. No impedance matching is required on the
transmission line pad because the device is designed to match
internally to the recommended ribbon bond. A spacing of 3 mils
from the RF transmission line to the device edge is recommended
for optimum performance.
DC pads can be connected using standard 1 mil diameter wire by
keeping the wire lengths as short as possible to minimize the para-
sitic inductance. The DC pads are large enough to accommodate
ribbon bonds, if preferred.
All bonds must be thermosonically bonded at a nominal stage
temperature of 150°C, and a minimum amount of ultrasonic energy
must be applied to achieve reliable bonds.
The device is metalized on the backside, and the ground connec-
tion can be done by attaching the device directly to the RF ground
plane using a conductive epoxy. In this case, connecting the ground
pads is optional but still recommended to ensure a solid ground
connection.
Figure 19. Bonding Diagram Top View
Figure 20. Bonding Diagram Side View
HANDLING, MOUNTING, AND EPOXY DIE
ATTACH
Keep devices in ESD protective sealed bags for shipment, and
store all bare die in a dry nitrogen environment.
For manual picking, it is a common practice to use a pair of
tweezers for GaAs devices. However, for die on carrier devices, the
use of a vacuum tool is recommended to avoid any damage on the
device substrate. Handle these devices in a clean environment, and
do not attempt to clean devices using liquid cleaning systems.
To attach the die with epoxy, apply an amount of epoxy to the
mounting surface so that a thin epoxy fillet is observed around
the perimeter of the chip after it is placed into position. Set epoxy
cure temperatures per the recommendations of the manufacturer
and the maximum ratings of the device to minimize accumulated
mechanical stress after assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com