Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2 Datasheet(PDF) 47 Page - Metcal

Part # WS2
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS2 Datasheet(HTML) 47 Page - Metcal

Back Button WS2 Datasheet HTML 43Page - Metcal WS2 Datasheet HTML 44Page - Metcal WS2 Datasheet HTML 45Page - Metcal WS2 Datasheet HTML 46Page - Metcal WS2 Datasheet HTML 47Page - Metcal WS2 Datasheet HTML 48Page - Metcal WS2 Datasheet HTML 49Page - Metcal WS2 Datasheet HTML 50Page - Metcal WS2 Datasheet HTML 51Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
01
44
Two Station Design for Dynamic Fume Extraction
TheBVX-200SeriesFumeExtractionSystemsarerevolutionarytwo-armunitsthatcombinepowerfulfanperformance
withefficientfiltration,quietoperationandcompleteportability.Theycanbeplacedunderornexttothebench-topand
fittedwitheithertwo50mm(2")diameterBVXarmsorone63mm(2.5")diameterOmniflexarm.
TheBVX-201FumeExtractionSystemisdesignedmainlyforsolderfumesandincorporatesbothpre-andmain-filters
whichcanbechangedindependentlytomaximisetheworkinglifeofeachfilterandlowerthetotalcostofownership.
ThemainfilterhasaHEPAefficiencyof99.97%at0.3micron,plusanactivatedcarbonfiltertoremoveadditional
gases.Forapplicationsthatrequireahighcapacityofgasfiltration,suchascleaningwithsolventsorconformal
coatings,theBVX-203FumeExtractionSystemfeaturesadeep-bedgasfilter.
New Features:
Brushless motor
ThisnewmotorenhancestheBVX-200by:
-Addingahighertorquetoinertiaratio
-Increasingthepeaktorque
-Increasingtheefficiencyto85%-90%
-Eliminatingbrushesandcommentatorwhichleadsto
longerlife
-ReducingtheelectricalnoiseandRFinterference
-Eliminatingthesparkingorbrushdustforasafer
environment
-Increasingtheperformanceatnoloadorlowload
conditions
Filter Monitoring*
Therateofperformanceisbasedontheconditionofthe
filters.TheBVX-200nowhasafiltermonitoringfeature.This
audiblealarmwillinformtheoperatorwhentheextraction
ratedropsbelowtherecommendedefficiencylevel.
Remote on/off operation*
Mostfumeextractionunitsaresituatedatfloorlevelundera
bench,whichmakesturningthesystemonandoffadifficult
operation.Toovercomethis,theBVX-200nowcomeswitha
remoteon/offswitch.Thisswitchcanbeplacedwithinreach,
wheretheoperatorcanpowerthesystemonandoff.
*AdditionalfeaturesavailableSummer07
New
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com