Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2 Datasheet(PDF) 28 Page - Metcal

Part # WS2
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS2 Datasheet(HTML) 28 Page - Metcal

Back Button WS2 Datasheet HTML 24Page - Metcal WS2 Datasheet HTML 25Page - Metcal WS2 Datasheet HTML 26Page - Metcal WS2 Datasheet HTML 27Page - Metcal WS2 Datasheet HTML 28Page - Metcal WS2 Datasheet HTML 29Page - Metcal WS2 Datasheet HTML 30Page - Metcal WS2 Datasheet HTML 31Page - Metcal WS2 Datasheet HTML 32Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
25
B2
B
AA2
D
Dimensionsinmm(̎)
Part No.
SMT TYPE
A2
A
B2
B
D
Part No.
Description
A
TATC-601
FinePointTip
0.4mm(.015̎)
TATC-602
BladesTip
6.4mm(.25̎)
TATC-603
BladesTip
15.8mm(.62̎)
TATC-604
BladesTip
20.6mm(.81̎)
TATC-605
TSOP32Tip
10.2mm(.40̎)
TATC-606
BladesTip
28mm(1.10̎)
TATC-608
AngledViperTip
1.3mm(.05̎)
TATC-609*
FinePointTip
0.5mm(.02̎)
QUAD CARTRIDGES
SMTC-1121 SQFP48(EIAJ) 8.38(.330) 8.38(.330) 8.38(.330) 8.38(.330) 2.54(.100)
SMTC-1120 SQFP64(EIAJ) 11.18(.440) 11.18(.440) 11.18(.440) 11.18(.440) 2.54(.100)
SMTC-1159 TQFP44
11.18(.440) 12.19(.480) 12.19(.480) 13.21(.520) 2.79(.110)
SMTC-1132 TQFP80
12.32(.485) 13.34(.525) 12.32(.485) 13.34(.525) 2.79(.110)
SMTC-1115 QFP48
13.97(.550) 13.97(.550) 13.97(.550) 13.97(.550) 3.30(.130)
SMTC-1118 VQFP100(EIAJ) 14.48(.570) 15.49(.610) 14.48(.570) 15.49 (.610) 2.79(.110)
SMTC-1133 QFP128(3.2mmfp)15.75(.620) 15.75(.620) 21.84(.860) 21.84(.860) 3.30(.130)
SMTC-121 QFP44
16.13(.635) 16.13(.635) 16.13(.635) 16.13(.635) 3.30(.130)
SMTC-143 QFP100(rectangular)16.51(.650) 16.51(.650) 22.48(.885) 22.48(.885) 3.30(.130)
SMTC-115 QFP64,80 17.15(.675) 17.15(.675) 23.11(.910) 23.11(.910) 3.30(.130)
SMTC-145** QFP100
20.45(.805) 20.45(.805) 20.45(.805) 20.45(.805) 4.83(.190)
SMTC-1122 QFP144
20.45(.805) 21.34(.840) 20.45(.805) 21.34(.840) 1.91(.075)
SMTC-186 QFP132
25.02(.985) 25.91(1.02) 25.02(.985) 25.91(1.02) 3.18(.125)
SMTC-144** QFP100(square) 26.42(1.040)26.42(1.04) 26.42(1.040)26.42(1.04) 3.30(.130)
SMTC-181 QFP208DUAL 28.58(1.125)44.96(1.77) 28.58(1.125)44.96(1.77) 2.90(.114)
SMTC-148 QFP120,160DUAL 29.59(1.165)30.48(1.20) 29.59(1.165)30.48(1.20) 3.05(.120)
SMTC-1125 PQFP240DUAL 32.77(1.290)33.78(1.33) 32.77(1.290)33.78(1.33) 2.79(.110)
SMTC-1158*QFP304DUAL 40.64(1.600)41.91(1.65) 41.91(1.650)40.64(1.60) 5.08(.200)
SMTC-111 PLCC18
7.62(.300) 8.38(.330) 12.70(.500) 13.46(.530) 3.81(.150)
SMTC-112 PLCC20
9.14(.360) 10.16(.400) 9.14(.360)10.16(.400) 3.81(.150)
SMTC-1103 PLCC28
9.40(.370) 10.41(.410) 14.48(.570) 15.49(.610) 3.81(.150)
SMTC-116 PLCC32
11.43(.450) 12.70(.500) 13.97(.550) 15.24(.600) 3.81(.150)
SMTC-113 PLCC28
11.56(.455) 12.70(.500) 11.58(.455) 12.70(.500) 3.81(.150)
SMTC-114 PLCC44
16.76(.660) 17.78(.700) 16.76(.660) 17.78(.700) 3.81(.150)
SMTC-118* PLCC68
24.38(.960) 25.27(.995) 24.38(.960) 25.27(.995) 5.59(.220)
SMTC-128 PLCC68dual 24.38(.960) 25.27(.995) 24.38(960) 25.27(.995) 5.59(.220)
SMTC-129 PLCC84dual 29.59(1.165)30.35(1.195)29.59(1.165)30.35(1.195)5.59(.220)
SMTC-117* PLCC52
19.30(.760) 20.32(.800) 19.30(.760) 20.32(.800) 3.81(.150)
SMTC-119* PLCC84
29.59(1.165)30.35(1.195)29.59(1.165)30.35(1.195)5.59(.220)
for Metcal MX-500TS
1
=700Seriesformoststandardapplications.0=600seriesalsoavailablefortemperaturesensitiveapplications.
Toorderthisseries,replace1with0.*=Notavailablefor600Series **=Notrecommendedfor600Series
Talon®
Cartridges
Part No.
Description
A
PTTC-701B*
BentConical
0.4mm(.015̎)
PTTC-601
Conical
0.4mm(.015̎)
PTTC-602
Blade
1.0mm(.039̎)
PTTC-603
Blade
2.0mm(.079̎)
PTTC-604
Blade
6.35mm(.25̎)
PTTC-605
Blade
16.0mm(.63̎)
PTTC-606
Blade
20.5mm(.80̎)
PTTC-607
Blade
28.0mm(1.10̎)
for Metcal MX-500SPT
6
=600seriesfortemperaturesensitiveapplications.7=700series.8=800series.Toordertheseseries,
replace6with7or8.
*Availableonlyin700series
Precision
Tweezer
Cartridges
6
=600seriesfortemperaturesensitiveapplications.5=500series.Toorderthisseries,replace6with5.
*Onlyavailablein600series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com