Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2 Datasheet(PDF) 53 Page - Metcal

Part # WS2
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS2 Datasheet(HTML) 53 Page - Metcal

Back Button WS2 Datasheet HTML 49Page - Metcal WS2 Datasheet HTML 50Page - Metcal WS2 Datasheet HTML 51Page - Metcal WS2 Datasheet HTML 52Page - Metcal WS2 Datasheet HTML 53Page - Metcal WS2 Datasheet HTML 54Page - Metcal WS2 Datasheet HTML 55Page - Metcal WS2 Datasheet HTML 56Page - Metcal WS2 Datasheet HTML 57Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
01
50
MFX-2200G Gas Fume Extraction System
ThenewMFX-2200GFumeExtractionSystemhasbeenspecificallydesignedfortheremovalofgasesand
vaporsfromarangeofheavydutybench-topapplications,includingsolventcleaning,gluing/bondingand
conformalcoatings.Theunit'shighcapacitygasfiltercartridgeensuresalongdwell-timeofthegasesinside
thefiltermedia,resultinginthemostefficientremovalofgases.Theunit'slidfeatures100mm(4")and63mm
(2.5")airinletflanges,makingitsuitablefortheconnectionofexhaustarmsorcabinets.
.
Features
•Excellentfiltrationefficiency
•Large,pleatedpre-filter
•Castersasstandard
•Minimumoperatingnoise
•Providesairflowfortwoexhaustcabinets
.
Controls and Filter Monitor
•UnitOn/OffSwitchwithpowerindicatorlight
•Thermaloverloadprotection
•Analogymodelswithfilterstatusgauge
•Digitalmodelswithfilterstatusindicatorlightsand
othercontroloptions
.
Options
AC2202
TopCoverwith4AirinletsØ63mm(2.5")
Replacement Filters
FIL22P040
Pre-FilterPleated85%Efficiency
FIL22G010
GasFilterCartridge11kg(25lbs)
FIL22G020
CarbonRefillKit11kg(25lbs)
PleatedPre-Filter
GasFilter
11kg(25lbs)
ActivatedCarbon
AfterFilter
Technical Specifications
MFX-2200G-A (Analog)
MFX-2206G-A (Analog)
MFX-2200G-D (Digital)
MFX-2206G-D (Digital)
110V
230V
AirInletOpenings
2x
Ø4"and2xØ2.5
2x
Ø100mmand2xØ63mm
FanCapacity
600cfm
900m3/h
FlowRate
350cfm
550m3/h
StaticPressure
4.5"WCMaximum
1075PaMaximum
PowerSupply
100-120VAC,60Hz
220-240VAC,50Hz
Power
400Watt
400Watt
NoiseLevel
58dBA
58dBA
Dimensions(WxDxH)
17.7"x20.75"x28"
450x525x710mm
Weight
115lbs
52kg
Certification
UL,CSA
CE
Max.DuctRun
30m
30m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com