Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2 Datasheet(PDF) 61 Page - Metcal

Part # WS2
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS2 Datasheet(HTML) 61 Page - Metcal

Back Button WS2 Datasheet HTML 56Page - Metcal WS2 Datasheet HTML 57Page - Metcal WS2 Datasheet HTML 58Page - Metcal WS2 Datasheet HTML 59Page - Metcal WS2 Datasheet HTML 60Page - Metcal WS2 Datasheet HTML 61Page - Metcal WS2 Datasheet HTML 62Page - Metcal WS2 Datasheet HTML 63Page - Metcal WS2 Datasheet HTML 64Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
01
58
TE Needle Series
TheTENeedleseriesconsistofastainless-steelcannulawithadoublehelix
Polypropylenehub.
Thispremierlineofdispensingneedlesisburr-free,andelectro-polishedcannulafor
unobstructedandconsistentmaterialflow.Inadditiontheyaresiliconeandchloride
free.Soldinpacksof50
1/4"
1/2"
1"
1-1/2"
Gauge
(6.4mm)
(12.7mm)
(25.4mm)
(38.1mm)
14
914050-TE
914100-TE
914150-TE
15
915050-TE
915100-TE
915150-TE
18
918025-TE
918050-TE
918100-TE
918150-TE
20
920025-TE
920050-TE
920100-TE
920150-TE
21
921025-TE
921050-TE
921100-TE
921150-TE
22
922025-TE
922050-TE
922100-TE
922150-TE
23
923025-TE
923050-TE
923100-TE
923150-TE
25
925025-TE
925050-TE
27
927025-TE
927050-TE
30
930025-TE
930050-TE
32
932025-TE
TE Bent Needle Series
TheseTEneedlesareprecisionbentat45ºand90ºangles.Perfectfordispensing
fluidinhardtoreachplaces.Soldinpacksof50.
1/2" (12.7mm)
1-1/2" (38.1mm)
Gauge
90º
45º
45º
14
914050-90BTE
914050-45BTE
914150-45BTE
15
915050-90BTE
915050-45BTE
18
918050-90BTE
918050-45BTE
918150-45BTE
20
920050-90BTE
920050-45BTE
21
921050-90BTE
921050-45BTE
921150-45BTE
22
922050-90BTE
922050-45BTE
23
923050-90BTE
923050-45BTE
25
925050-90BTE
925050-45BTE
27
927050-90BTE
927050-45BTE
30
930050-90BTE
930050-45BTE
BT Series
UsetheseDoubleHelixBrushTipsfor"spread"applicationssuchasgluesandother
materials.SoftbrushismadeofRedSable.StiffbrushismadeofNylon.Availablein
packsof12.
Gauge
Soft Bristle
Stiff Bristle
16
916BT-SOFT
916BT-STIFF
18
918BT-SOFT
918BT-STIFF
22
922BT-SOFT
922BT-STIFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com