Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2 Datasheet(PDF) 24 Page - Metcal

Part # WS2
Description  Soldering Tools and Equipment for Electronics Assembly
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS2 Datasheet(HTML) 24 Page - Metcal

Back Button WS2 Datasheet HTML 20Page - Metcal WS2 Datasheet HTML 21Page - Metcal WS2 Datasheet HTML 22Page - Metcal WS2 Datasheet HTML 23Page - Metcal WS2 Datasheet HTML 24Page - Metcal WS2 Datasheet HTML 25Page - Metcal WS2 Datasheet HTML 26Page - Metcal WS2 Datasheet HTML 27Page - Metcal WS2 Datasheet HTML 28Page - Metcal Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
21
.39"
.02" 10.0mm
0.5mm
.04" .59"
15.0mm
1.0mm
.63"
.016"
16.0mm
0.4mm
.02" 10.0mm
.394"
0.5mm
.59"
.02"
15.0mm
0.5mm
17.0mm
.67"
45˚
4.0mm
.16"
45º
.12"
3.0mm
.59"
15.0mm
45º
.18"
4.5mm
.59"
15.0mm
.02"
.20"
0.5mm
5.0mm
15.0mm .59"
45º
2.0mm
.08"
1.0mm
.04"
17.0mm
.67"
45˚
3.0mm
.12"
0.25"
6.5mm
0.04"
1.0mm
0.40"
1.0mm
0.24"
6.0mm
0.10"
2.5mm
0.24"
6.0mm
0.24"
6.0mm
0.055"
1.4mm
45°
0.20"
5.0mm
0.52"
13.2mm
0.07"
1.78mm
0.24"
6.0mm
0.016"
0.4mm
0.34"
8.5mm
0.07"
1.78mm
0.25"
6.4mm
.10" .39"
9.9mm
2.5mm
.39"
.07" 9.9mm
1.78mm
.06" .39"
1.5mm
9.9mm
.19"
.12"
3.0mm
4.8mm
.39"
.10"
2.5mm
9.9mm
.43"
.07" 10.9mm
1.78mm
1
=700Seriesformoststandardapplications.Only700Seriesavailable.
Soldering Tips
PHT-752035
ConicalFine
0.5mm(.02̎)
PHT-752057
ConicalFine
1.0mm(.04̎)
PHT-752327
ConicalFine/Bent
0.4mm(.016̎)
PHT-752335
ConicalFine30°
0.5mm(.02̎)
PHT-752337
ConicalFine/Bent30°
0.5mm(.02̎)
STTC-101P
ConicalSharp
1mm(.04̎)
STTC-125P
Chisel30º
1mm(.04̎)
STTC-136P
Chisel30º
2.5mm(.10̎)
STTC-138P
Chisel35º
1.4mm(.06̎)
STTC-137P
Chisel30º
1.8mm(.07̎)
STTC-145P
Conical
0.4mm(.016̎)
STTC-147P
Bevel60º
1.78mm(.07̎)
STTC-1173P
Knife
5.0mm(.22̎)
Soldering & Rework Cartridges
SOLDERING CARTRIDGES Optimised geometries for Lead Free
STANDARD SOLDERING CARTRIDGES Frequently used geometries
STTC-136*
Chisel30°
2.5mm(.10̎)
STTC-137*
Chisel30°
1.78mm(.07̎)
STTC-138*
Chisel30°
1.5mm(.06̎)
STTC-113*
Chisel90°
3.0mm(.12̎)
STTC-133
Chisel90°
2.5mm(.10̎)
STTC-104
Chisel90°
1.78mm(.07̎)
for PS-800 System with PS-CA1 Coil
for Metcal MX-500 Series
75
=750Seriesformoststandardapplications.65=650Seriesalsoavailablefortemperaturesensitiveapplications.Toorderthisseries,replace75with65.
PHT-754487F
Hoof45°FaceOnly
3.0mm(.12̎)
PHT-754497F
Hoof45°
4.0mm(.16̎)
PHT-755437
KnifeSharp45°
3.0mm(.12̎)
PHT-755457
KnifeSharp45°
4.5mm(.18̎)
PHT-755477
KnifeBevel45°
5.0mm(.20̎)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com