Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1014IFT Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSL1014IFT
Description  14 1 channel buffer for TFT-LCD panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014IFT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSL1014IFT Datasheet HTML 5Page - STMicroelectronics TSL1014IFT Datasheet HTML 6Page - STMicroelectronics TSL1014IFT Datasheet HTML 7Page - STMicroelectronics TSL1014IFT Datasheet HTML 8Page - STMicroelectronics TSL1014IFT Datasheet HTML 9Page - STMicroelectronics TSL1014IFT Datasheet HTML 10Page - STMicroelectronics TSL1014IFT Datasheet HTML 11Page - STMicroelectronics TSL1014IFT Datasheet HTML 12Page - STMicroelectronics TSL1014IFT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TSL1014
Electrical characteristics
9/15
Figure 26.
Negative slew rate vs. temperature
Figure 27.
Large signal response -
Amplifiers A & B
-40
-20
0
2040
6080
0.0
0.5
1.0
1.5
2.0
Vcc=10V
Vcc=16V
Vcc=5.5V
Amplifier COM
Ambient Temperature C
VCC = 10V, ZL = 10k//10pF
Figure 28.
Large signal response -
Amplifiers A & B
Figure 29.
Large signal response -
Amplifiers C to N
VCC =10V, ZL = 10k//10pF
VCC =10V, ZL = 10k//10pF
Figure 30.
Large signal response -
Amplifiers C to N
Figure 31.
Large signal response -
Amplifier COM
VCC = 10V, ZL = 10k//10pF
VCC = 10V, ZL = 10k//10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com