Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1014IFT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSL1014IFT
Description  14 1 channel buffer for TFT-LCD panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014IFT Datasheet(HTML) 4 Page - STMicroelectronics

  TSL1014IFT Datasheet HTML 1Page - STMicroelectronics TSL1014IFT Datasheet HTML 2Page - STMicroelectronics TSL1014IFT Datasheet HTML 3Page - STMicroelectronics TSL1014IFT Datasheet HTML 4Page - STMicroelectronics TSL1014IFT Datasheet HTML 5Page - STMicroelectronics TSL1014IFT Datasheet HTML 6Page - STMicroelectronics TSL1014IFT Datasheet HTML 7Page - STMicroelectronics TSL1014IFT Datasheet HTML 8Page - STMicroelectronics TSL1014IFT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
TSL1014
4/15
3
Electrical characteristics
Note:
Limits are 100% production tested at 25°C. Behavior at the temperature range limits is
guaranteed through correlation and by design.
Table 3.
Electrical characteristics for Tamb = 25°C , VDD =+5V, VSS =-5V, RL =10kΩ, CL = 10pF
(unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
VICM = 0V
12
mV
ΔVIO
Input offset voltage drift
-40°C < Tamb < +85°C
5
μV/°C
IIB
Input bias current
VICM = 0V, buffers A & B
VICM = 0V, buffers C to N & COM
140
70
nA
RIN
Input impedance
1
G
Ω
CIN
Input capacitance
1.35
pF
VOL
Output voltage low
IOUT =-5mA
Buffers C to L
Buffers M, N & COM
-4.85
-4.92
-4.80
-4.85
V
VOH
Output voltage high
IOUT = 5mA for positive single-supply
buffers (A & B)
4.82
4.87
V
IOUT
Output current
(A to N buffers)
±30
mA
Com buffer
±100
PSRR
Power supply rejection ratio
VCC= 6.5 to 15.5V
80
100
dB
ICC
Supply current
No load
4.5
8
mA
SR
Slew rate
(rising & falling edge)
-4V < VOUT < +4V
20% to 80%
1V/
μs
ts
Settling time
Settling to 0.1%, VOUT=2V step
5
μs
BW
Bandwidth at -3dB
RL=10kΩ, CL=10pF
2
MHz
Gm
Phase margin
RL=10kΩ, CL=10pF
60
degrees
Cs
Channel separation
f=1MHz
75
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com