Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1014IFT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSL1014IFT
Description  14 1 channel buffer for TFT-LCD panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014IFT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSL1014IFT Datasheet HTML 7Page - STMicroelectronics TSL1014IFT Datasheet HTML 8Page - STMicroelectronics TSL1014IFT Datasheet HTML 9Page - STMicroelectronics TSL1014IFT Datasheet HTML 10Page - STMicroelectronics TSL1014IFT Datasheet HTML 11Page - STMicroelectronics TSL1014IFT Datasheet HTML 12Page - STMicroelectronics TSL1014IFT Datasheet HTML 13Page - STMicroelectronics TSL1014IFT Datasheet HTML 14Page - STMicroelectronics TSL1014IFT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
TSL1014
14/15
5
Ordering information
6
Revision history
Table 5.
Order codes
Part number
Temperature range
Package
Packing
Marking
TSL1014IF
-40°C to +85°C
TQFP48
Tray
SL1014I
TSL1014IFT
Tape & reel
Date
Revision
Changes
1-Jul-2005
1
Initial release - Product in full production.
1-Sep-2005
2
Lead temperature corrected in Table 1 on page 2.
Electrical characteristics graphs re-ordered from Figure 2 on page 5
to Figure 43 on page 11.
7-March- 2007
3
Notes added on ESD in Table 1 on page 2.
Maximum operating supply voltage increased in Table 2 on page 2.
Input voltage parameters added in Table 2 on page 2.
VOL limits changed for Buffers C to L in Table 3 on page 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com