Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1014IFT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSL1014IFT
Description  14 1 channel buffer for TFT-LCD panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014IFT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSL1014IFT Datasheet HTML 6Page - STMicroelectronics TSL1014IFT Datasheet HTML 7Page - STMicroelectronics TSL1014IFT Datasheet HTML 8Page - STMicroelectronics TSL1014IFT Datasheet HTML 9Page - STMicroelectronics TSL1014IFT Datasheet HTML 10Page - STMicroelectronics TSL1014IFT Datasheet HTML 11Page - STMicroelectronics TSL1014IFT Datasheet HTML 12Page - STMicroelectronics TSL1014IFT Datasheet HTML 13Page - STMicroelectronics TSL1014IFT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Electrical characteristics
TSL1014
10/15
Figure 32.
Large signal response -
Amplifier COM
Figure 33.
Small signal response -
Amplifiers A & B
VCC = 10V, ZL = 10k//10pF
VCC = 10V, ZL = 10k//10pF, Ve = 100mVpp
Figure 34.
Small signal response -
Amplifiers C to N
Figure 35.
Small signal response -
Amplifier COM
VCC = 10V, ZL = 10k//10pF, Ve = 100mVpp
VCC = 10V, ZL = 10k//10pF, Ve = 100mVpp
Figure 36.
Output voltage response to current
transient - Amplifiers A & B
Figure 37.
Output voltage response to current
transient - Amplifiers A & B
VCC = 10V, DI = 0 to 30mA
VCC = 10V, DI = 30mA to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com