Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1014IFT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSL1014IFT
Description  14 1 channel buffer for TFT-LCD panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014IFT Datasheet(HTML) 1 Page - STMicroelectronics

  TSL1014IFT Datasheet HTML 1Page - STMicroelectronics TSL1014IFT Datasheet HTML 2Page - STMicroelectronics TSL1014IFT Datasheet HTML 3Page - STMicroelectronics TSL1014IFT Datasheet HTML 4Page - STMicroelectronics TSL1014IFT Datasheet HTML 5Page - STMicroelectronics TSL1014IFT Datasheet HTML 6Page - STMicroelectronics TSL1014IFT Datasheet HTML 7Page - STMicroelectronics TSL1014IFT Datasheet HTML 8Page - STMicroelectronics TSL1014IFT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
March 2007
Rev 3
1/15
15
TSL1014
14 + 1 channel buffer for TFT-LCD panels
Features
■ Wide supply voltage: 5.5V to 16.8V
■ Low operating current: 4.5mA typical at 25°C
■ Gain bandwidth product: 1MHz
■ High current com amplifier: ±100mA output
current
■ Industrial temperature range: -40°C to +85°C
■ Small package: TQFP48
Application
■ TFT liquid crystal display (LCD)
Description
The TSL1014 is composed of 14 + 1 channel
buffers which are used to buffer the reference
voltage for gamma correction in thin film transistor
(TFT) liquid crystal displays (LCD).
One "COM" amplifier is able to deliver high output
current value, up to ±100mA. Amplifiers A and B
feature positive single supply inputs for common
mode voltage behavior. The amplifiers C to N
inclusive, and the COM amplifier, feature negative
single-supply inputs and are dedicated to the
highest and lowest gamma voltages.
The TSL1014 is fully characterized and
guaranteed over a wide industrial temperature
range (-40 to +85°C).
7x7mm TQFP48
VSS
VDD
1
2
3
4
5
6
7
8
9
10
11
32
31
30
29
28
27
26
13
14 15
16
17 18 19
20 21
22
47
25
33
12
23 24
35
34
36
48
44 43 42
41 40
39
38 37
46 45
A
B
C
D
E
F
G
Com
N
M
L
K
J
I
H
VDD
VSS
VSSVDD
VSSVDD
VSS
VDD
VSS VDD
VSS
VDD
1
2
3
4
5
6
7
8
9
10
11
32
31
30
29
28
27
26
13
14 15
16
17 18 19
20 21
22
47
25
33
12
23 24
35
34
36
48
44 43 42
41 40
39
38 37
46 45
A
B
C
D
E
F
G
Com
N
M
L
K
J
I
H
VDD
VSS
VSSVDD
VSSVDD
VSS
VDD
VSS VDD
Pin connections (top view)
www.st.com


Similar Part No. - TSL1014IFT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSL1014IFT STMICROELECTRONICS-TSL1014IFT Datasheet
277Kb / 16P
14 1 channel buffers for TFT-LCD panels
19-Aug-2008
More results

Similar Description - TSL1014IFT

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7200 AAT-AAT7200 Datasheet
490Kb / 16P
141-Channel Buffer for TFT LCD
V 1.0
AAT7201 AAT-AAT7201 Datasheet
597Kb / 14P
101-Channel Buffer for TFT LCD
V 0.1
AAT7202 AAT-AAT7202 Datasheet
349Kb / 9P
121-Channel Buffer for TFT LCD
V 0.1
AAT7204 AAT-AAT7204 Datasheet
321Kb / 12P
61-CHANNEL BUFFER FOR TFT LCD
V 0.1
AAT7205 AAT-AAT7205 Datasheet
316Kb / 10P
81-CHANNEL BUFFER FOR TFT LCD
V 1.0
logo
STMicroelectronics
TSL1014 STMICROELECTRONICS-TSL1014_08 Datasheet
277Kb / 16P
14 1 channel buffers for TFT-LCD panels
19-Aug-2008
TSL1018 STMICROELECTRONICS-TSL1018 Datasheet
267Kb / 15P
18 1 channel buffer for TFT-LCD panels
15-Jul-2008
TSL1020 STMICROELECTRONICS-TSL1020 Datasheet
244Kb / 16P
20 1 channel buffer for TFT-LCD panels
28-Jan-2008
logo
Advanced Analog Technol...
AAT7200 AAT-AAT7200_3 Datasheet
218Kb / 11P
141-Channel Buffer for TFT LCD
V 3.0
AAT7203 AAT-AAT7203 Datasheet
277Kb / 9P
41-CHANNEL BUFFER FOR TFT LCD
V 0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com