Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1360 Datasheet(PDF) 1 Page - ams AG

Part # AS1360
Description  1.5關A Low-Power, Positive Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 1 Page - ams AG

  AS1360 Datasheet HTML 1Page - ams AG AS1360 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS1360
1.5µA Low-Power, Positive Vo ltage Regulator
Produ ct Brief
www.austriamicrosystems.com
Revision 1.00
1 - 2
1 General Description
The AS1360 low-power, positive voltage regulator was
designed to deliver up to 250mA while consuming only
1.5µA of quiescent current. The device is available in
fixed output voltages of 1.8, 2.5, 3.0, 3.3, and 5.0V.
The device features integrated short-circuit and overcur-
rent protection.
The wide input voltage range, low-dropout voltage, and
high-accuracy output voltage makes the device perfectly
suited for 2- and 3-cell battery-powered and portable
applications.
The low dropout voltage (650mV) prolongs battery life
and allows high current in small applications when oper-
ated with minimum input-to-output voltage differentials.
The device features very stable output voltage (using
only 1µF tantalum or aluminum-electrolytic capacitors),
strict output voltage regulation tolerances (±0.5%), and
excellent line-regulation.
The AS1360 is available in a 3-pin SOT23 package.
Figure 1. Block Diagram
2 Key Features
!
Low Quiescent Current: 1.5µA
!
Input Voltage Range: Up to 20V
!
Low Dropout Voltage
- 250mV @ 100mA
- 400mV @ 200mA
!
Fixed Output Voltages: 1.8, 2.5, 3.0, 3.3, 5.0V
!
High Output Current: 250mA (VOUT = 5.0V)
!
High-Accuracy Output Voltage: ±1.5%
!
Exceptional Line Regulation: 0.1%/V
!
Low Temperature Drift: ±100ppm/ºC
!
Integrated Short-Circuit and Overcurrent Protection
!
3-pin SOT23 Package
3 Applications
The device is ideal for mobile phones, PDAs, digital
cameras, smart battery packs, battery-powered alarms,
solar-powered instruments, intelligent instruments, CO2
and smoke detectors, CPU power supplies, and any bat-
tery-powered application.
+
–
Short-Circuit
Protection
GND
1
3
VIN
2
VOUT
Voltage
Reference
AS1360


Similar Part No. - AS1360

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1360 AMSCO-AS1360 Datasheet
1Mb / 14P
1.5A Low-Power, Posi t ive Vol tage Regulator
AS1360-18-T AMSCO-AS1360-18-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
AS1360-18-T AMSCO-AS1360-18-T Datasheet
1Mb / 14P
1.5A Low-Power, Posi t ive Vol tage Regulator
AS1360-21-T AMSCO-AS1360-21-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
AS1360-21-T AMSCO-AS1360-21-T Datasheet
1Mb / 14P
1.5A Low-Power, Posi t ive Vol tage Regulator
More results

Similar Description - AS1360

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
2 關A Low Dropout Positive Voltage Regulator
2005
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
2關A Low-Dropout Positive Voltage Regulator
2007
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317LB ONSEMI-LM317LB Datasheet
188Kb / 12P
1.5 A Adjustable Output Positive Voltage Regulator
April, 2013 ??Rev. 13
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
1.5-A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com